Electronic Components Datasheet Search
  English  ▼

X  

MAX1213 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1213
Description  Up to 170Msps/210Msps/250Msps Sampling Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1213 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1213 Datasheet HTML 1Page - Maxim Integrated Products MAX1213 Datasheet HTML 2Page - Maxim Integrated Products MAX1213 Datasheet HTML 3Page - Maxim Integrated Products MAX1213 Datasheet HTML 4Page - Maxim Integrated Products MAX1213 Datasheet HTML 5Page - Maxim Integrated Products MAX1213 Datasheet HTML 6Page - Maxim Integrated Products MAX1213 Datasheet HTML 7Page - Maxim Integrated Products MAX1213 Datasheet HTML 8Page - Maxim Integrated Products MAX1213 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX1213/MAX1214/MAX1215 evaluation kits (EV
kits) are a fully assembled and tested circuit board that
contains all the components necessary to evaluate the
performance of the MAX1213/MAX1214/MAX1215 ana-
log-to-digital converters (ADCs). The MAX1213/
MAX1214/MAX1215 accept differential analog inputs;
however, the EV kits generate this signal from a user-
provided single-ended signal source. The digital out-
puts produced by the ADC can be easily captured with
a user-provided high-speed logic analyzer or data-
acquisition system. The EV kits operate from 1.8V
power supplies and includes circuitry that generates a
clock signal from a user-provided AC signal.
Features
o Up to 170Msps/210Msps/250Msps Sampling Rate
o Low-Voltage and Low-Power Operation
o Fully Differential Signal Input Configuration
o On-Board Differential Output Drivers
o Fully Assembled and Tested
MAX1213/MAX1214/MAX1215 Evaluation Kits
________________________________________________________________ Maxim Integrated Products
1
19-3408; Rev 1; 4/05
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
DESIGNATION
QTY
DESCRIPTION
C1–C11, C13, C15,
C16, C18, C19, C20,
C36–C39
21
0.1µF ±10%, 10V X5R ceramic
capacitors (0402)
TDK C1005X5R1A104K
C12, C14, C17
0
Not installed, capacitors (0402)
C21–C24
4
0.22µF ±10%, 6.3V X5R
ceramic capacitors (0402)
TDK C1005X5R0J224K
C25, C26
0
Not installed, shorted by PC
trace (0603)
C27, C28, C40
3
47µF ±10%, 10V tantalum
capacitors (C case)
AVX TAJC476K010
C29, C41
2
10µF ±20%, 6.3V X5R ceramic
capacitors (0805)
TDK C2012X5R0J106M
C30
1
22µF ±10%, 6.3V X5R ceramic
capacitor (0805)
TDK C2012X5R0J226K
C31
0
Not installed, capacitor (0805)
C32, C42
2
1.0µF ±10%, 10V X5R ceramic
capacitors (0603)
TDK C1608X5R1A105K
C33
1
2.2µF ±10%, 6.3V X5R ceramic
capacitor (0603)
TDK C1608X5R0J225K
C34
0
Not installed, capacitor (0603)
DESIGNATION
QTY
DESCRIPTION
C35
1
0.01µF ±20%, 25V X7R
ceramic capacitor (0402)
TDK C1005X7R1E103M
J1, CLK
2
SMA PC board vertical-mount
connectors
J2
0
Not installed, vertical SMA
connector
J3
1
Dual-row 8-pin header
J4–J7
4
Dual-row 40-pin headers
JU1, JU2, JU3
3
3-pin headers
R1, R3, R6, R7, R11,
R13, R14, R15, R43
0
Not installed, resistors (0603)
R2
1
49.9
Ω ±1% resistor (0603)
R4, R5
2
150
Ω ±5% resistors (0603)
R8, R9
2
24.9
Ω ±0.1% resistors (0603)
IRC PFC-W0603R-02-24R9-B
R10, R12
2
0
Ω resistors (0603)
R16, R17
2
10
Ω ±1% resistors (0603)
R18–R24, R28–R32,
R34, R35
14
100
Ω ±1% resistors (0603)
R25, R26, R27, R33
4
100
Ω ±5% resistors (0603)
R36, R37
2
510
Ω ±5% resistors (0603)
R38, R39, R41,
R44–R68
28
510
Ω ±5% resistors (0402)
R40
1
100k
Ω, 12-turn, 1/4in
potentiometer
R42
1
13k
Ω ±1% resistor (0603)
PART
TEMP RANGE
IC PACKAGE
MAX1213EVKIT
0°C to +70°C
68 QFN-EP*
MAX1214EVKIT
0°C to +70°C
68 QFN-EP*
MAX1215EVKIT
0°C to +70°C
68 QFN-EP*
*EP = Exposed pad.


Similar Part No. - MAX1213

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213 Datasheet
526Kb / 19P
1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1213 MAXIM-MAX1213 Datasheet
395Kb / 21P
1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213 MAXIM-MAX1213 Datasheet
740Kb / 21P
1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213 MAXIM-MAX1213 Datasheet
790Kb / 21P
1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
More results

Similar Description - MAX1213

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2152-14 LINER-LTC2152-14 Datasheet
4Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com