Electronic Components Datasheet Search
  English  ▼

X  

MAX1213 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1213
Description  Up to 170Msps/210Msps/250Msps Sampling Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1213 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1213 Datasheet HTML 1Page - Maxim Integrated Products MAX1213 Datasheet HTML 2Page - Maxim Integrated Products MAX1213 Datasheet HTML 3Page - Maxim Integrated Products MAX1213 Datasheet HTML 4Page - Maxim Integrated Products MAX1213 Datasheet HTML 5Page - Maxim Integrated Products MAX1213 Datasheet HTML 6Page - Maxim Integrated Products MAX1213 Datasheet HTML 7Page - Maxim Integrated Products MAX1213 Datasheet HTML 8Page - Maxim Integrated Products MAX1213 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8)
Turn on all power supplies.
9)
Enable the signal generators. Set the clock signal
generator to output a 170MHz/210MHz/250MHz
signal, with an amplitude of 2.4VP-P. Set the ana-
log input signal generator to output the desired fre-
quency with an amplitude
≤ 2VP-P. The signal gen-
erators should be synchronized.
10) Enable the logic analyzer.
11) Collect data using the logic analyzer.
Detailed Description
The MAX1213/MAX1214/MAX1215 EV kits are a fully
assembled and tested circuit board that contains all the
components necessary to evaluate the performance of
the MAX1213/MAX1214/MAX1215, 12-bit LVDS output
ADCS. The MAX1213/MAX1214/MAX1215 can be eval-
uated with a maximum clock frequency (fCLK) of
170MHz/210MHz/250MHz .
The MAX1213/MAX1214/MAX1215 accept differential
inputs. Applications that only have a single-ended sig-
nal source available can use the on-board transformer
(T2) to convert the singled-ended signal to a differential
signal.
Output level translators (U3–U6) buffer and convert the
LVDS output signals of the MAX1213/MAX1214/
MAX1215 to higher voltage LVPECL signals that can be
captured by a wide variety of logic analyzers. The
LVDS outputs are accessed at headers J4 and J5. The
LVPECL outputs are accessed at headers J6 and J7.
The EV kits are designed as a four-layer PC board to
optimize the performance of the MAX1213/MAX1214/
MAX1215. Separate analog, clock, and buffer power
planes minimize noise coupling between analog and
digital signals; 50
Ω coplanar transmission lines are
used for analog and clock inputs and 100
Ω differential
coplanar transmission lines are used for all digital LVDS
outputs. All LVDS differential outputs are properly termi-
nated with 100
Ω termination resistors between true and
complementary digital outputs. The trace lengths of the
100
Ω differential LVDS lines are matched to within a
few thousandths of an inch to minimize layout-depen-
dent delays.
Power Supplies
The MAX1213/MAX1214/MAX1215 EV kits require sep-
arate analog, clock, and buffer power supplies for best
performance. A 1.8V power supply is used to power the
analog and digital portion of the MAX1213/
MAX1214/MAX1215. The on-board clock circuitry is
powered by a 3.3V power supply. A separate 3.3V
power supply is used to power the output buffers
(U3–U6) on the EV kit.
Clock
The MAX1213/MAX1214/MAX1215 require a differential
clock signal. However, if only a single-ended clock sig-
nal source is available, the EV kit’s on-board level
translator helps to convert a singled-ended clock signal
to the required differential signal. An on-board clock-
shaping circuit generates a differential clock signal
from an AC sine-wave signal applied to the clock input
SMA connector (CLK). The input signal should not
exceed an amplitude of 2.6VP-P. The frequency of the
sinusoidal input clock signal determines the sampling
frequency (fCLK) of the ADC. A differential line receiver
(U2) processes the input signal to generate the
required clock signal. The frequency of the clock signal
should not exceed 170MHz/210MHz/250MHz.
Clock Divider
The MAX1213/MAX1214/MAX1215 feature an inter-
nal divide-by-two clock divider. Use jumper JU2
to enable/disable this feature. See Table 1 for
shunt positions.
Input Signal
The MAX1213/MAX1214/MAX1215 accept differential
analog input signals. However, the EV kits only require
a single-ended analog input signal with an amplitude of
less than 2VP-P provided by the user. An on-board
transformer then takes the single-ended analog input
and generates a differential analog signal, which is
applied to the ADC’s differential input pins.
Optional Input Transformer
The MAX1213/MAX1214/MAX1215 EV kits use a sec-
ond transformer to enhance THD and SFDR perfor-
mance at high input frequencies (>100MHz). This
transformer helps to reduce the increase of even-order
harmonics at high frequencies. To use only the primary
transformer, follow the directions below:
1) Remove R10 and R12.
2) Install a 0.1µF capacitor on C14.
3) Connect the analog signal source to J2 instead of J1.
MAX1213/MAX1214/MAX1215 Evaluation Kits
_______________________________________________________________________________________
3
SHUNT
POSITION
MAX1213/14/15
CLKDIV PIN
DESCRIPTION
1-2 (default)
Connected to
VCC
Clock signal divided by 1
2-3
Connected to
GND
Clock signal divided by 2
Table 1. Clock-Divider Shunt Settings
(JU2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com