Electronic Components Datasheet Search
  English  ▼

X  

MAX1213 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1213
Description  Up to 170Msps/210Msps/250Msps Sampling Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1213 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1213 Datasheet HTML 1Page - Maxim Integrated Products MAX1213 Datasheet HTML 2Page - Maxim Integrated Products MAX1213 Datasheet HTML 3Page - Maxim Integrated Products MAX1213 Datasheet HTML 4Page - Maxim Integrated Products MAX1213 Datasheet HTML 5Page - Maxim Integrated Products MAX1213 Datasheet HTML 6Page - Maxim Integrated Products MAX1213 Datasheet HTML 7Page - Maxim Integrated Products MAX1213 Datasheet HTML 8Page - Maxim Integrated Products MAX1213 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MAX1213/MAX1214/MAX1215 Evaluation Kits
2
_______________________________________________________________________________________
Note: Indicate that you are using the MAX1213/MAX1214/MAX1215 when contacting these component suppliers.
Quick Start
Recommended Equipment
• DC power supplies:
Analog
(VCC)
1.8V, 1A
Clock
(VCLK)
3.3V, 200mA
Buffers
(VLPEL)
3.3V, 400mA
• Signal generator with low-phase noise and low jitter
for clock input (e.g., HP 8662A, HP 8644B)
• Signal generator for analog signal input (e.g., HP
8662A, HP 8644B)
• Logic analyzer or data-acquisition system (e.g., HP
16500C with high-speed state card HP 16517A)
• Digital voltmeter
Procedure
The MAX1213/MAX1214/MAX1215 EV kits are a fully
assembled and tested surface-mount board. Follow the
steps below for board operation. Do not turn on power
supplies or enable signal generators until all connec-
tions are completed:
1)
Verify that shunts are installed in the following
locations:
JU2 (1-2)
→ divide-by-two disabled
JU3 (2-3)
→ two’s-complement output selected
J3 (3-4)
→ internal reference enabled
2)
Connect the clock signal generator to the SMA
connector labeled CLK.
3)
Connect the analog input signal generator to the
SMA connector labeled J1.
4)
Connect the logic analyzer with high-speed card
probe to either headers J4/J5 (LVDS-compatible
signals) or J6/J7 (LVPECL-compatible signals).
See Table 4 for header connections.
5)
Connect a 1.8V, 1A power supply to VCC.
Connect the ground terminal of this supply to GND
closest to the VCC pad.
6)
Connect a 3.3V, 200mA power supply to VCLK.
Connect the ground terminal of this supply to GND
closest to the VCLK pad.
7)
Connect a 3.3V, 400mA power supply to VLPEL.
Connect the ground terminal of this supply to GND
closest to the VLPEL pad.
Component Suppliers
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
T1, T2
2
1:1 800MHz RF transformers
Mini-Circuits ADT1-1WT
TP1, TP2
2
Test points (black)
U1
1
MAX1213/14/15EGK (68-pin
QFN, 10mm x 10mm)
U2
1
3.3V ECL differential receiver
(8-pin SO)
ON Semiconductor
MC100LVEL16D
SUPPLIER
PHONE
FAX
WEBSITE
AVX
843-946-0238
843-626-3123
www.avxcorp.com
IRC
361-992-7900
361-992-3377
www.irctt.com
TDK
847-803-6100
847-390-4405
www.component.tdk.com
DESIGNATION
QTY
DESCRIPTION
U3–U6
4
3.3V ECL quad differential
receivers (20-pin SO)
ON Semiconductor
MC100LVEL17DW
Y1
0
Not installed, clock oscillator
None
1
MAX1213/14/15 PC board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com