Electronic Components Datasheet Search
  English  ▼

X  

MAX1213 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1213
Description  Up to 170Msps/210Msps/250Msps Sampling Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1213 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1213 Datasheet HTML 1Page - Maxim Integrated Products MAX1213 Datasheet HTML 2Page - Maxim Integrated Products MAX1213 Datasheet HTML 3Page - Maxim Integrated Products MAX1213 Datasheet HTML 4Page - Maxim Integrated Products MAX1213 Datasheet HTML 5Page - Maxim Integrated Products MAX1213 Datasheet HTML 6Page - Maxim Integrated Products MAX1213 Datasheet HTML 7Page - Maxim Integrated Products MAX1213 Datasheet HTML 8Page - Maxim Integrated Products MAX1213 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Reference Voltage
There are two methods to set the full-scale range of the
MAX1213/MAX1214/MAX1215.
The
MAX1213/
MAX1214/MAX1215 EV kits can be configured to use
the ADC’s internal reference, or a stable, low-noise,
external reference can be applied to the REFIO pad.
Jumper J3 controls which reference source is used.
See Table 2 for shunt settings.
Output Signal
The MAX1213/MAX1214/MAX1215 feature a single 12-
bit, parallel, LVDS-compatible, digital output bus. The
digital outputs also feature a clock bit (DCOP/N) for
data synchronization, and a data overrange bit
(ORP/N). See Table 4 for header connections.
Output Format
The digital output coding can be chosen to be either in
two’s complement or straight offset binary format by
configuring jumper JU3. See Table 3 for shunt settings.
Output Bit Locations
The digital outputs of the ADC are connected to two 40-
pin headers (J4 and J5). PC board trace lengths are
matched to minimize output skew and improve perfor-
mance of the device. In addition, four drivers (U3–U6)
buffer and level translate the ADC’s digital outputs to
LVPECL-compatible signals. The drivers increase the
differential voltage swing and are able to drive large
capacitive loads, which may be present at the logic
analyzer connection. The outputs of the buffers are
connected to two 40-pin headers (J6 and J7). See
Table 4 for headers J4–J7 bit locations.
MAX1213/MAX1214/MAX1215 Evaluation Kits
4
_______________________________________________________________________________________
SHUNT
POSITION
DESCRIPTION
1-2
Internal reference disabled. Apply an external
reference voltage to the REFIO pad.
3-4 (default)
Internal reference enabled.
5-6
Increases FSR through the trim potentiometer
R40.
7-8
Decreases FSR through the trim potentiometer
R40.
SHUNT
POSITION
MAX1213/14/15
T/B
Pin
DESCRIPTION
1-2
Connected to VCC
Digital output in straight
offset binary
2-3 (default)
Connected to GND
Digital output in two's
complement
Table 2. Reference Shunt Settings (J3)
Table 3. Output-Format Shunt Settings
(JU3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com