Electronic Components Datasheet Search
  English  ▼

X  

MAX187 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX187
Description  Complete Evaluation System Includes EV Kit and 68HC16 C Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX187 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX187 Datasheet HTML 15Page - Maxim Integrated Products MAX187 Datasheet HTML 16Page - Maxim Integrated Products MAX187 Datasheet HTML 17Page - Maxim Integrated Products MAX187 Datasheet HTML 18Page - Maxim Integrated Products MAX187 Datasheet HTML 19Page - Maxim Integrated Products MAX187 Datasheet HTML 20Page - Maxim Integrated Products MAX187 Datasheet HTML 21Page - Maxim Integrated Products MAX187 Datasheet HTML 22Page - Maxim Integrated Products MAX187 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MAX187 Evaluation System/Evaluation Kit
______________________________________________________________________________________
19
Table 11. 68HC16 Chip-Select Outputs Truth Table
H
1xxxx read
H
7E0xx read
H
1xxxx write
H
7E8xx read
H
7E0xx write
L
0xxxx read
CSBOOT
ADDRESS
RANGE
H
7F0xx write
H
7F8xx write
H
7F8xx read
H
7F0xx read
H
7E8xx write
H
H
L
H
H
H
H
H
H
H
H
CS0
H
L
H
L
H
H
H
L
L
H
L
H
H
H
H
CS1
H
H
H
H
H
H
H
CS2
H
H
H
H
L
L
L
H
H
L
H
L
H
H
L
CS5
L
L
L
L
L
L
H
CS6
H
L
H
H
L
H
H
H
H
H
H
H
H
H
L
CS7
H
H
H
H
H
L
H
CS8
H
H
H
H
H
L
H
H
L
H
H
CS9
H
H
H
H
H
H
L
L
H
H
H
CS10
19
1
2
3
4
5
6
7
8
9
CS6/IOBUFFER
CS1/RDIO
D08
D09
D10
D11
D12
D13
D14
D15
18
17
16
15
14
13
12
11
EXTD0
EXTD1
EXTD2
EXTD3
EXTD4
EXTD5
EXTD6
EXTD7
C13
0.1
µF
R5
470
Ω
LED1
GND
PWMB
VCC
VCC
VCC
TSTME
BKPT/DSCLK
BKPT/DSCLK
HALT
BERR
MODCLK
DSACK1
DSACK0
IRQ7
2
3
4
5
6
7
8
9
10
R6
10k
SIP
RESISTOR
1
DS
GND
GND
RESET
VCC
J4-1
J4-3
J4-5
J4-7
J4-9
J4-2
J4-4
J4-6
J4-8
J4-10
BERR
BKPT/DSCLK
FREEZE
IPIPE1/DSI
IPIPE0/DS0
OE
DIR
A1
A2
A3
A4
A5
A6
A7
A8
B1
B2
B3
B4
B5
B6
B7
B8
U6
74HCT245
J1-1
J1-3
J1-5
J1-7
J1-9
J1-11
J1-13
J1-15
J1-17
J1-19
J1-21
J1-23
J1-25
J1-27
J1-29
J1-31
J1-33
J1-35
J1-37
J1-39
J1-2
J1-4
J1-6
J1-8
J1-10
J1-12
J1-14
J1-16
J1-18
J1-20
J1-22
J1-24
J1-26
J1-28
J1-30
J1-32
J1-34
J1-36
J1-38
J1-40
GND
GND
VPREREG
VCC
CS1/RDIO
CS7/7E000
CS9/7F000
A00
A02
EXTD0
EXTD2
EXTD4
EXTD6
IC1
IC3
OC2
OC4
MISO
SCK
CLKOUT
GND
GND
VPREREG
VCC
CS5/WRIO
CS8/7E800
CS10/7F800
A01
A03
EXTD1
EXTD3
EXTD5
EXTD7
IC2
OC1
OC3
IC4
MOSI
PCSO/SS
PWMA
GROUND
UNREGULATED 7V TO 20V
REGULATED +5V
INTEL COMPATIBLE READ/WRITE STROBES
CHIP SELECTS
LOW ADDRESS BITS
8-BIT BUFFERED BIDIRECTIONAL DATA BUS
8-BIT GENERAL I/O PORT
HIGH-SPEED SERIAL INTERFACE (QSM/QSPI)
Figure 11. 68HC16 Module Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com