Electronic Components Datasheet Search
  English  ▼

X  

MAX187 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX187
Description  Complete Evaluation System Includes EV Kit and 68HC16 C Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX187 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX187 Datasheet HTML 16Page - Maxim Integrated Products MAX187 Datasheet HTML 17Page - Maxim Integrated Products MAX187 Datasheet HTML 18Page - Maxim Integrated Products MAX187 Datasheet HTML 19Page - Maxim Integrated Products MAX187 Datasheet HTML 20Page - Maxim Integrated Products MAX187 Datasheet HTML 21Page - Maxim Integrated Products MAX187 Datasheet HTML 22Page - Maxim Integrated Products MAX187 Datasheet HTML 23Page - Maxim Integrated Products MAX187 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MAX187 Evaluation System/Evaluation Kit
______________________________________________________________________________________
21
GND
IN
OUT
U4
78M05
1
3
2
+
–
1
2
1
2
1
2
C5
22
µF
20V
1
2
C4
22
µF
25V
VCC
VPREREG
GND
D1
1N4001
SW1
POWER
J2
2
2
2
2
1
1
1
1
2
1
C7
22pF
C6
22pF
R2
330k
R1
10M
Y1
32.768kHz
XTAL
EXTAL
2
1
PFO
N.C.
RESET
RESET
MR
PFI
GND
VCC
VCC
U7
MAX707
1
4
5
6
8
7
3
2
RESET
SW2
RESET
T1OUT
T2OUT
R1IN
R2IN
T1IN
T2IN
R1OUT
R2OUT
J3-8
J3-7
J3-2
J3-3
J3-4
J3-6
J3-1
J3-5
J3-9
CTS
RTS
RXD
TXD
DTR
DSR
DCD
GND
RI
VCC
VCC
7
2
1
3
20
5
18
4
19
C2+
C2+
C2-
C2-
C1+
C1-
V-
V-
V+
GND
GND
GND
8
13
12
17
14
11
15
10
16
U2
MAX223
TXD
GND
RXD
96
1
1
2
12
2
1
2
C1
1
µF
20V
C2
1
µF
20V
L1
10
µH
OPTIONAL
VDDI
VSSI
VCC
VSSE
JU3
1
2
JU5
GND
VSSE
A00
A01
A02
A03
A04
A05
A06
A07
A08
A09
A10
A11
A12
A13
A14
GND
CS2/RDRAM
CS0/WRRAM
10
9
8
7
6
5
4
3
25
24
21
23
2
26
1
20
22
27
11
12
13
15
16
17
18
19
D08
D09
D10
D11
D12
D13
D14
D15
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
CS
OE
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
U5
62256
32k x 8-BIT HIGH-SPEED CMOS STATIC RAM
VCC
C12
0.1
µF
GND
D00
RESET
R4
10k
12
D09
RESET
R3
10k
12
1
A00
A01
A02
A03
A04
A05
A06
A07
A08
A09
A10
A11
A12
A13
VCC
CSBOOT/RDROM
10
9
8
7
6
5
4
3
25
24
21
23
2
26
27
1
22
20
11
12
13
15
16
17
18
19
D08
D09
D10
D11
D12
D13
D14
D15
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
VPP
OE
CE
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U3
27C256
32k x 8-BIT CMOS EPROM
VCC
C11
0.1
µF
GND
2
3
VCC
A14
Figure 11. 68HC16 Module Schematic (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com