Electronic Components Datasheet Search
  English  ▼

X  

MAX187 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX187
Description  Complete Evaluation System Includes EV Kit and 68HC16 C Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX187 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX187 Datasheet HTML 1Page - Maxim Integrated Products MAX187 Datasheet HTML 2Page - Maxim Integrated Products MAX187 Datasheet HTML 3Page - Maxim Integrated Products MAX187 Datasheet HTML 4Page - Maxim Integrated Products MAX187 Datasheet HTML 5Page - Maxim Integrated Products MAX187 Datasheet HTML 6Page - Maxim Integrated Products MAX187 Datasheet HTML 7Page - Maxim Integrated Products MAX187 Datasheet HTML 8Page - Maxim Integrated Products MAX187 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MAX187 Evaluation System/Evaluation Kit
2
_______________________________________________________________________________________
__MAX187 EV System Quick Start
This section applies only to the use of the MAX187 EV
kit operating with Maxim’s 68HC16 module.
1) Copy the files from the distribution disk to your hard
drive or to blank floppy disks. Store the MAX187 EV
kit software in its own directory to prevent conflicts
with other Maxim EV kit files. The necessary files are
in the root directory of the distribution disk, and
ancillary files are located in the SOURCE and
TMS320 subdirectories. These subdirectories are
not required for EV kit operation, and are described
in other sections of this manual.
2) Carefully connect the boards by aligning the 40-pin
header of the MAX187 EV kit with the 40-pin con-
nector of the 68HC16 µC module and gently press
them together. The two boards should be flush
against one another.
3) Use a small flat-blade screwdriver to connect a 9V
to 15V DC power source to the µC module. The ter-
minal block is located next to the on/off switch, in
the upper right corner of the module. Observe the
polarity marked on the board.
4) Connect a cable from the computer’s serial port to
the µC module. If using a 9-pin serial port, use a
straight-through 9-pin female-to-male cable. If the
serial port uses a 25-pin connector, a standard 25-
pin to 9-pin adapter will be required.
5) Start up the MAX187 software on the IBM PC by set-
ting the current directory to match the directory con-
taining the Maxim programs, and then type the pro-
gram name “MAX187”.
6) The program allows the user to select which serial
port is connected to the µC module. Press the
space bar until the correct port is highlighted, then
press ENTER.
7) The MAX187 program will switch to terminal-emula-
tion mode. At this point, apply power to the 68HC16
module. The LED should light, and within 5 seconds
the program will display a logon banner. The LED is
a status indicator, not a power indicator; it will flash
to indicate module readiness. Refer to the 68HC16
module self-check system.
8) To download and run the RAM resident code on the
µC module, press ALT+L (i.e. hold down the ALT
key and strike the L key). The program prompts for
the file name. Press the ENTER key to download
and run the file KIT187.S19 on the 68HC16 module.
9) The KIT187.S19 RAM resident program offers a
menu of commands, listed in Table 1.
Stand-Alone MAX187 EV Kit
_________________________Quick Start
This section applies only to the use of the MAX187 EV
kit without the µC module.
1) Connect a regulated 5V DC power supply to the ter-
minals labeled POS5 and GND. The GND pad is
ground, and the POS5 pad is the 5V input. The
board draws less than 5mA of supply current.
2) To enable the MAX187’s internal reference, connect
the SHDN pin to 5V. To use an external reference,
leave the SHDN pin open and provide a reference
voltage at the VREF pad. To put the MAX187 in
shutdown mode, connect the SHDN pin to ground.
3) Connect the interface signals to the CS, SCK, and
DOUT test points. Use the AGND test point as sig-
nal ground. See the MAX187 data sheet for timing
information.
4) Apply the input voltage to the terminals labeled
INPUT and GND.
_______EV System Component List
____________EV Kit Component List
QTY
DESCRIPTION
1
MAX187 evaluation kit (MAX187EVKIT-DIP)
1
68HC16 µC module (68HC16MODULE-DIP)
DESIGNATION
QTY
DESCRIPTION
C1
1
0.1µF ceramic capacitor
C2, C3
2
4.7µF electrolytic capacitors
J1
1
Female 40-pin data connector
J4
1
6-pin header
JU1
1
3-pin header
R1
1
10k
Ω resistor
U1
1
Maxim MAX187ACPA
None
4
Rubber feet
None
1
8-pin socket for U1
None
1
MAX187 printed circuit board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com