Electronic Components Datasheet Search
  English  ▼

X  

AT25QL128A Datasheet(PDF) 41 Page - Dialog Semiconductor

Part # AT25QL128A
Description  1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL128A Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button AT25QL128A Datasheet HTML 37Page - Dialog Semiconductor AT25QL128A Datasheet HTML 38Page - Dialog Semiconductor AT25QL128A Datasheet HTML 39Page - Dialog Semiconductor AT25QL128A Datasheet HTML 40Page - Dialog Semiconductor AT25QL128A Datasheet HTML 41Page - Dialog Semiconductor AT25QL128A Datasheet HTML 42Page - Dialog Semiconductor AT25QL128A Datasheet HTML 43Page - Dialog Semiconductor AT25QL128A Datasheet HTML 44Page - Dialog Semiconductor AT25QL128A Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
40
AT25QL128A
DS-AT25QL128A–129E–01-2021
8.18 32 kbytes Block Erase (52h)
The Block Erase instruction is to erase the data of the selected block as being 1. The instruction is used for
32 kbytes Block erase operation. A Write Enable instruction must be issued before the Block Erase Instruction.
The instruction is initiated by driving the CS pin low and shifting the instruction code 52h followed a 24-bit block
address (A23-A0). (See Figure 8-28 and Figure 8-29.) The CS pin must go high after the eighth bit of the last byte
has been latched in, otherwise, the Block Erase instruction is not executed. After CS is driven high, the self-timed
Block Erase instruction is active for a time duration of tBE1 (see Section 9.6, AC Electrical Characteristics, on page
73).
While the Block Erase cycle is in progress, the Read Status Register instruction can still be read the status of
the BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the cycle is finished
and the device is ready to accept other instructions again. When the BUSY bit is asserted, the Write Enable Latch
(WEL) bit in the Status Register is cleared to 0.
Figure 8-28. 32 kbytes Block Erase Instruction (SPI Mode)
Figure 8-29. 32 kbytes Block Erase Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com