Electronic Components Datasheet Search
  English  ▼

X  

AT25QL128A Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # AT25QL128A
Description  1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL128A Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button AT25QL128A Datasheet HTML 15Page - Dialog Semiconductor AT25QL128A Datasheet HTML 16Page - Dialog Semiconductor AT25QL128A Datasheet HTML 17Page - Dialog Semiconductor AT25QL128A Datasheet HTML 18Page - Dialog Semiconductor AT25QL128A Datasheet HTML 19Page - Dialog Semiconductor AT25QL128A Datasheet HTML 20Page - Dialog Semiconductor AT25QL128A Datasheet HTML 21Page - Dialog Semiconductor AT25QL128A Datasheet HTML 22Page - Dialog Semiconductor AT25QL128A Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
18
AT25QL128A
DS-AT25QL128A–129E–01-2021
Table 8-4. Instruction Set Table 3 (Quad SPI Instructions)
Instruction Byte
0
1
2
3
4
5
Clock Number
0 - 7
8 - 15
16 - 23
24 - 31
32 - 39
40 - 47
Fast Read Quad Output
6Bh
A23:A16
A15:A8
A7:A0
Dummy
D7:D0 (1)
1.
Quad Input/ Output Data
IO0 = (D4, D0...)
IO1 = (D5, D1...)
IO2 = (D6, D2...)
IO3 = (D7, D3...)
Fast Read Quad I/O
EBh
A23:A0,
M7:M0 (2)
2.
Quad Input Address
IO0 = A20, A16, A12, A8, A0, M4, M0
IO1 = A21, A17, A13, A9, A1, M5, M1
IO2 = A22, A18, A14, A10, A2, M6, M2
IO3 = A23, A19, A15, A11, A3, M7, M3
(xxxx,
D7:D0...) (3)
3.
Fast Read Quad I/O Data Output
IO0 = (x, x, x, x, D4, D0...)
IO1 = (x, x, x, x, D5, D1...)
IO2 = (x, x, x, x, D6, D2...)
IO3 = (x, x, x, x, D7, D3...)
D7:D0....(1)
Quad Page Program
33h
A23:A0
(D7:D0,
...)(1)
Read Quad Manufacturer
ID (4)
4.
See Manufacturer and Device Identification table for Device ID information.
94h
00_0000h,
xx
or
00_00001h,
xx
(xxxx,
MID7:MID0)
(xxxx,
DID7:DID0)(3)
Fast Read Quad I/O
EBh
A23:A0
M7:M0(2)
(xx, D7:D0)
D7:D0(1)
Set Burst with Wrap
77h
xxxxxx,
W6:W4 (5)
5.
Set Burst With Wrap
IO0 = x, x, x, x, x, x, W4, x
IO1 = x, x, x, x, x, x, W5, x
IO2 = x, x, x, x, x, x, W6, x
IO3 = x, x, x, x, x, x, W7, x
(xx, D7:D0)
D7:D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com