Electronic Components Datasheet Search
  English  ▼

X  

AT25QL128A Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # AT25QL128A
Description  1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL128A Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button AT25QL128A Datasheet HTML 45Page - Dialog Semiconductor AT25QL128A Datasheet HTML 46Page - Dialog Semiconductor AT25QL128A Datasheet HTML 47Page - Dialog Semiconductor AT25QL128A Datasheet HTML 48Page - Dialog Semiconductor AT25QL128A Datasheet HTML 49Page - Dialog Semiconductor AT25QL128A Datasheet HTML 50Page - Dialog Semiconductor AT25QL128A Datasheet HTML 51Page - Dialog Semiconductor AT25QL128A Datasheet HTML 52Page - Dialog Semiconductor AT25QL128A Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
48
AT25QL128A
DS-AT25QL128A–129E–01-2021
Figure 8-43. Read Manufacturer/ Device ID instruction (QPI Mode)
8.26 Read Manufacturer / Device ID Dual I/O (92h)
The Read Manufacturer/ Device ID Dual I/O instruction provides both the JEDEC assigned manufacturer ID and
the specific device ID.
The Read Manufacturer/ Device ID instruction is very similar to the Fast Read Dual I/O instruction. The instruction
is initiated by driving the CS pin low and shifting the instruction code 92h followed by a 24-bit address (A23-A0) of
000000h. After which, the Manufacturer ID for Adesto (1Fh) and the Device ID (17h) are shifted out on the falling
edge of SCK with most significant bit (MSB) first, as shown in Figure 8-44. If the 24-bit address is initially set to
000001h, the Device ID is read first and then followed by the Manufacturer ID. The Manufacturer and Device ID
can be read continuously, alternating from one to the other. The instruction is completed by driving CS high.
Figure 8-44. Read Dual Manufacturer/ Device ID Dual I/O instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com