Electronic Components Datasheet Search
  English  ▼

X  

AT25QL128A Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # AT25QL128A
Description  1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL128A Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button AT25QL128A Datasheet HTML 11Page - Dialog Semiconductor AT25QL128A Datasheet HTML 12Page - Dialog Semiconductor AT25QL128A Datasheet HTML 13Page - Dialog Semiconductor AT25QL128A Datasheet HTML 14Page - Dialog Semiconductor AT25QL128A Datasheet HTML 15Page - Dialog Semiconductor AT25QL128A Datasheet HTML 16Page - Dialog Semiconductor AT25QL128A Datasheet HTML 17Page - Dialog Semiconductor AT25QL128A Datasheet HTML 18Page - Dialog Semiconductor AT25QL128A Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
14
AT25QL128A
DS-AT25QL128A–129E–01-2021
7.9
Erase/Program Suspend Status (SUS)
The Suspend Status bit (SUS) is a read-only bit in the status register (S15) that is set to 1 after executing an
Erase/Program Suspend (75h) instruction. The SUS status bit is cleared to 0 by the Erase/Program Resume (7Ah)
instruction, as well as a power-down/power-up cycle.
Note:
1.
X = Don’t care
2.
L = Lower; U = Upper
3.
If any Erase or Program instruction specifies a memory region that contains protected data portion, this instruction is ignored.
4.
Note 3 does not apply to this Status Register Bit setting. See Errata 1 in Appendix A for details.
Table 7-2.
Status Register Memory Protection (CMP = 0)
Status Register
Memory Protection
SEC
TB
BP2
BP1
BP0
Sector(s)
Addresses
Density
Portion
X
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
252 thru 255
FC0000h - FFFFFFh
256 kbytes
Upper 1/64
0
0
0
1
0
248 thru 255
F80000h - FFFFFFh
512 kbytes
Upper 1/32
0
0
0
1
1
240 thru 255
F00000h - FFFFFFh
1 Mbytes
Upper 1/16
0
0
1
0
0
224 thru 255
E00000h - FFFFFFh
2 Mbytes
Upper 1/8
0
0
1
0
1
192 thru 255
C00000h - FFFFFFh
4 Mbytes
Upper 1/4
0
0
1
1
0
128 thru 255
800000h - FFFFFFh
8 Mbytes
Upper 1/2
0
1
0
0
1
0 thru 3
000000h - 03FFFFh
256 kbytes
Lower 1/64
0
1
0
1
0
0 thru 7
000000h - 07FFFFh
512 kbytes
Lower 1/32
0
1
0
1
1
0 thru 15
000000h - 0FFFFFh
1 Mbytes
Lower 1/16
0
1
1
0
0
0 thru 31
000000h - 1FFFFFh
2 Mbytes
Lower 1/8
0
1
1
0
1
0 thru 63
000000h - 3FFFFFh
4 Mbytes
Lower 1/4
0
1
1
1
0
0 thru 127
000000h - 7FFFFFh
8 Mbytes
Lower 1/2
X
X
1
1
1
0 thru 255
000000h - FFFFFFh
16 Mbytes
ALL
1
0
0
0
1
255
FFF000h - FFFFFFh
4 kbytes
U – 1/4096 (4)
1
0
0
1
0
255
FFE000h - FFFFFFh
8 kbytes
U – 1/2048
1
0
0
1
1
255
FFC000h - FFFFFFh
16 kbytes
U – 1/1024
1
0
1
0
X
255
FF8000h - FFFFFFh
32 kbytes
U – 1/512
1
1
0
0
1
0
000000h - 000FFFh
4 kbytes
L – 1/4096
1
1
0
1
0
0
000000h - 001FFFh
8 kbytes
L – 1/2048
1
1
0
1
1
0
000000h - 003FFFh
16 kbytes
L – 1/1024
1
1
1
0
X
0
000000h - 007FFFh
32 kbytes
L – 1/512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com