Electronic Components Datasheet Search
  English  ▼

X  

EMC2301 Datasheet(PDF) 22 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 22 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 18Page - Microchip Technology EMC2301 Datasheet HTML 19Page - Microchip Technology EMC2301 Datasheet HTML 20Page - Microchip Technology EMC2301 Datasheet HTML 21Page - Microchip Technology EMC2301 Datasheet HTML 22Page - Microchip Technology EMC2301 Datasheet HTML 23Page - Microchip Technology EMC2301 Datasheet HTML 24Page - Microchip Technology EMC2301 Datasheet HTML 25Page - Microchip Technology EMC2301 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 22
 2021 Microchip Technology Inc.
5.3
SMBus Data Bytes
All SMBus Data bytes are sent Most Significant bit first
and composed of 8 bits of information.
5.4
SMBus ACK and NACK Bits
The SMBus client will acknowledge all data bytes that
it receives (as well as the client address if it matches
and the ARA address if the ALERT pin is asserted).
This is done by the client device pulling the SMBus
Data line low after the 8th bit of each byte that is
transmitted. This applies to both the Write Byte and
Block Write protocols.
The Host will NACK (not acknowledge) the data byte to
be received from the client by holding the SMBus data
line high after the 8th data bit has been sent. For the
Block Read protocol, the host will ACK each data byte
that it receives except the last data byte.
5.5
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the
SMBus Data line from a logic ‘0’ state to a logic ‘1’ state
while the SMBus clock line is in a logic ‘1’ state. When
the EMC2301/2/3/5 detects an SMBus Stop bit, and it
has been communicating with the SMBus protocol, it
will reset its client interface and prepare to receive
further communications.
5.6
SMBus Time-Out
The EMC2301/2/3/5 includes an SMBus timeout fea-
ture. Following a 30 ms period of inactivity on the
SMBus, the device will time-out and reset the SMBus
interface.
The SMBus timeout feature is disabled by default and
can be enabled via clearing the DIS_TO bit in the
Configuration register (see Register 6-1).
5.7
SMBus and I2C Compliance
The major difference between SMBus and I2C devices
is highlighted
here. For complete compliance
information refer to the SMBus 2.0 specification.
1.
Minimum frequency for SMBus communications
is 10 kHz (I2C has no minimum frequency).
2.
The client protocol will reset if the clock is held
low for longer than 30 ms (I2C has no timeout).
3.
The client protocol will reset if both the clock and
data lines are held high for longer than 150 µs.
4.
I2C devices do not support the Alert Response
Address functionality (which is optional for
SMBus).
5.
The Block Read and Block Write protocols are
only compliant with I2C data formatting. They do
not support SMBus formatting for Block Read
and Block Write protocols.
5.8
SMBus Protocols
The EMC2301/2/3/5 is SMBus 2.0 compatible and sup-
ports Send Byte, Read Byte, Block Read and Receive
Byte as valid protocols as shown below. The
EMC2301/2/3/5 also supports the I2C Block Read and
Block Write protocols. The device supports Write Byte,
Read Byte, and Block Read/Block Write. All of the
below protocols use the convention in Table 5-2.
5.9
SMBus Write Byte
The Write Byte is used to write one byte of data to the
registers, as shown in Table 5-3.
5.10
Block Write
The Block Write protocol is used to write multiple data
bytes to a group of contiguous registers as shown in
Table 5-4. It is an extension of the Write Byte protocol.
TABLE 5-2:
SMBUS PROTOCOL
Data Sent to Device
Data Sent to the Host
# of bits sent
# of bits sent
TABLE 5-3:
WRITE BYTE PROTOCOL
S
T
A
R
T
CLIENT
ADDR.
W
R
A
C
K
REG.
ADDR.
A
C
K
REG.
DATA
A
C
K
S
T
O
P
1 → 0 YYYY_
YYY
00
XXh
0 XXh 00 → 1
Note:
When using the Block Write protocol, the
internal address pointer will be automati-
cally incremented after every data byte is
received. It will wrap from FFh to 00h.
TABLE 5-4:
BLOCK WRITE PROTOCOL
S
T
A
R
T
CLIENT
ADDR.
W
R
A
C
K
REG.
ADDR.
A
C
K
REPEAT
N TIMES
S
T
O
P
REG.
DATA
A
C
K
1 → 0 YYYY_
YYY
00
XXh
0 XXh 00 → 1
Note:
The Block Write and Block Read protocols
require that the address pointer be auto-
matically incremented. For a write com-
mand, the address pointer will be
automatically incremented when the ACK
is sent to the host. There are no over or
under bound limit checking and the
address pointer will wrap around from FFh
to 00h if necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com