Electronic Components Datasheet Search
  English  ▼

X  

EMC2301 Datasheet(PDF) 47 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 47 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 43Page - Microchip Technology EMC2301 Datasheet HTML 44Page - Microchip Technology EMC2301 Datasheet HTML 45Page - Microchip Technology EMC2301 Datasheet HTML 46Page - Microchip Technology EMC2301 Datasheet HTML 47Page - Microchip Technology EMC2301 Datasheet HTML 48Page - Microchip Technology EMC2301 Datasheet HTML 49Page - Microchip Technology EMC2301 Datasheet HTML 50Page - Microchip Technology EMC2301 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 47
EMC2301/2/3/5
6.23
TACH Reading Registers
The TACH Reading Registers describe the current
tachometer reading for each of the fans (see
Section 4.4 “Tachometer Measurement”). The con-
tents of Register 6-24 and Register 6-25 represent the
weighting of each bit in determining the current
tachometer reading for each of the fans.
REGISTER 6-23:
TACH READING - TACHOMETER READING HIGH BYTE REGISTER
(ADDRESSES 3EH, 4EH, 5EH, 6EH, 7EH)
RW-0
RW-0
RW-0
RW-0
RW-0
U-0
U-0
U-0
FxTR[12:5]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
FxTR[12:5]: Fan Drive Tach Reading Counts, where “x” represents 1 through 5 based on device
features.
bit 7
4096
bit 6
2048
bit 5
1024
bit 4
512
bit 3
256
bit 2
128
bit 1
64
bit 0
32
REGISTER 6-24:
TACH READING - TACHOMETER READING LOW BYTE REGISTER
(ADDRESSES 3FH, 4FH, 5FH, 6FH, 7FH)
RW-0
RW-0
RW-0
RW-0
RW-0
U-0
U-0
U-0
FxTR[4:0]
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
FxTR[12:5]: Fan Drive Tach Reading Counts, where “x” represents 1 through 5 based on device
features.
bit 7
16
bit 6
8
bit 5
4
bit 4
2
bit 3
1
bit 2-0
Unimplemented bit, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com