Electronic Components Datasheet Search
  English  ▼

X  

EMC2301 Datasheet(PDF) 30 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 30 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 26Page - Microchip Technology EMC2301 Datasheet HTML 27Page - Microchip Technology EMC2301 Datasheet HTML 28Page - Microchip Technology EMC2301 Datasheet HTML 29Page - Microchip Technology EMC2301 Datasheet HTML 30Page - Microchip Technology EMC2301 Datasheet HTML 31Page - Microchip Technology EMC2301 Datasheet HTML 32Page - Microchip Technology EMC2301 Datasheet HTML 33Page - Microchip Technology EMC2301 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 30
 2021 Microchip Technology Inc.
6.3
Fan Status Register
The Fan Status register indicates that the fan driver has
stalled or failed or that the Watchdog Timer has expired
(see Section 4.11 “Watchdog Timer”).
6.4
Fan Stall Status Register
The Fan Stall Status register indicates which fan driver
has detected a stalled condition (see Section 4.4.3
“Stalled Fan”). All bits are cleared upon a read if the
Error condition has been removed.
REGISTER 6-2:
FAN STATUS - FAN STATUS REGISTER (ADDRESS 24H)
RC-0
U-0
U-0
U-0
U-0
RC-0
RC-0
RC-0
WATCH
—
—
—
—
DVFAIL
FNSPIN
FNSTL
bit 7
bit 0
Legend:
RC = Read-then-clear bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
WATCH: Indicates that the Watchdog Timer has expired. When this bit is set, each fan is driven to
100% duty cycle and will remain at 100% duty cycle until they are programmed. This bit is cleared
when it is read.
1 = Watchdog Timer has expired.
0 = Watchdog Timer has not expired.
bit 6-3
Unimplemented bits, read as ‘0’.
bit 2
DVFAIL: Indicates that one or more fan drivers cannot meet the programmed fan speed at maximum
PWM duty cycle.
1 = Any bit in the Fan Drive Fail Status register (Register 6-5) is set
0 = All bits in Fan Drive Fail Status register are cleared.
bit 1
FNSPIN: Indicates that one or more fan drivers cannot spin up.
1 = This bit is set when any bit in the Fan Spin Status register (Register 6-4) is set.
0 = All bits in the Fan Spin Status register are cleared.
bit 0
FNSTL: Indicates that one or more fan drivers have stalled.
1 = Any bit in the Fan Stall Status register (Register 6-3) is set.
0 = All bits in the Fan Stall register are cleared.
REGISTER 6-3:
FAN STALL STATUS - FAN STALL STATUS REGISTER (ADDRESS 25H)
U-0
U-0
U-0
RC-0
RC-0
RC-0
RC-0
RC-0
—
—
—
F5STL
F4STL
F3STL
F2STL
F1STL
bit 7
bit 0
Legend:
RC = Read-then-clear bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented bits, read as ‘0’.
bit 4
F5STL: Fan 5 Stall Status
1 = Fan 5 tachometer count has exceeded maximum valid TACH count, indicating stall.
0 = Fan 5 Stall has not been detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com