Electronic Components Datasheet Search
  English  ▼

X  

EMC2301 Datasheet(PDF) 15 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 15 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 11Page - Microchip Technology EMC2301 Datasheet HTML 12Page - Microchip Technology EMC2301 Datasheet HTML 13Page - Microchip Technology EMC2301 Datasheet HTML 14Page - Microchip Technology EMC2301 Datasheet HTML 15Page - Microchip Technology EMC2301 Datasheet HTML 16Page - Microchip Technology EMC2301 Datasheet HTML 17Page - Microchip Technology EMC2301 Datasheet HTML 18Page - Microchip Technology EMC2301 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 15
EMC2301/2/3/5
4.3.1
ERROR WINDOW
The FSC has a controllable error window, allowing the
user to determine how close to the programmed RPM
the fan needs to come before the FSC algorithm stops
attempting to adjust fan speed (see Register 6-14).
This feature helps prevent “motor-boating” when con-
trolling difficult fans. The values for the error range is
shown in Table 4-4.
4.3.2
PROGRAMMING THE RPM-BASED
FAN SPEED CONTROL ALGORITHM
The RPM-based Fan Speed Control algorithm is dis-
abled upon device power-up. The following registers
control the algorithm. The EMC2301/2/3/5 fan control
registers are preloaded with defaults that will work for a
wide variety of fans so only the TACH Target Register
is required to set a fan speed. The other fan control reg-
isters can be used to fine-tune the algorithm behavior
based on application requirements.
Note that steps 1 to 6 below are optional and need only
be performed if the default settings do not provide the
desired fan response.
1.
Set the Spin Up Configuration Register to the
spin up level and spin time desired.
2.
Set the Fan Step Register to the desired step
size.
3.
Set the Fan Minimum Drive Register to the min-
imum drive value that will maintain fan
operation.
4.
Set the Update Time and Edges options in the
Fan Configuration Register.
5.
Set the Valid TACH Count Register to the high-
est tach count that indicates the fan is spinning.
Refer to AN17.4 RPM to TACH Counts Conver-
sion for examples and tables for supported RPM
ranges (500, 1k, 2k, 4k).
6.
Set the TACH Target Register to the desired
tachometer count.
7.
Enable the RPM-based Fan Speed Control
algorithm by setting the ENAG bit.
4.3.3
ADVANCED TOPICS USING THE
FAN SPEED CONTROL ALGORITHM
In addition to the seven steps listed in this section,
there are several other optional settings that may be
used when attempting to control a fan that the previous
steps failed to do.
4.3.3.1
Selecting the Derivative Options
The DPT bits in Register 6-14 allow the user to select
the derivative response applied to the closed loop cal-
culation. Table 4-5 shows the options available. A brief
description is included in the table.
4.3.3.2
Setting the PID Gains
The Gain registers store the gain terms used by the
proportional and integral portions of each of the RPM-
based Fan Speed Control algorithms (see Register 6-
15). These gain terms are used as the KD, KI, and KP
gain terms in a classic PID control solution. The effec-
tive gains are shown in Table 4-6.
4.3.3.3
Fan Drive Max Step
The Fan Max Step registers (see Register 6-17), along
with the Update Time in the Fan Configuration 1 Regis-
ter, control the ramp rate of the fan driver response cal-
culated by the RPM-based Fan Speed Control
algorithm. The value of the register represents the
maximum step size each fan driver will take between
update times.
10
1
800 ms
11
0
1200 ms
11
1
1600 ms
TABLE 4-4:
ERROR RANGE OPTIONS
ERGX[1:0]
Operation
10
00
0 RPM (default)
01
50 RPM
10
100 RPM
11
200 RPM
TABLE 4-3:
UPDATE TIME (CONTINUED)
UPDATEX[2:0]
Update
Time
21
0
TABLE 4-5:
DERIVATIVE OPTIONS
DPTX[1:0]
Name
Operation
10
00
NONE No derivative options used.
01
BASIC The derivative of the current
error, along with the Propor-
tional and Integral values, are
added to the iterative Fan Drive
Register setting.
10
STEP Same as the BASIC option, but
the result is not limited by the
MAX STEP SIZE register.
11
BOTH Uses BASIC and STEP,
effectively providing a gain of 2.
TABLE 4-6:
GAIN DECODE
GAIND or GAINP or GAINI[1:0] Respective Gain
Factor
10
00
1x
01
2x
10
4x (default)
11
8x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com