Electronic Components Datasheet Search
  English  ▼

X  

EMC2303 Datasheet(PDF) 18 Page - Microchip Technology

Part # EMC2303
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2303 Datasheet(HTML) 18 Page - Microchip Technology

Back Button EMC2303 Datasheet HTML 14Page - Microchip Technology EMC2303 Datasheet HTML 15Page - Microchip Technology EMC2303 Datasheet HTML 16Page - Microchip Technology EMC2303 Datasheet HTML 17Page - Microchip Technology EMC2303 Datasheet HTML 18Page - Microchip Technology EMC2303 Datasheet HTML 19Page - Microchip Technology EMC2303 Datasheet HTML 20Page - Microchip Technology EMC2303 Datasheet HTML 21Page - Microchip Technology EMC2303 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 18
 2021 Microchip Technology Inc.
4.7
External Clock
The EMC2301/2/3/5 allows the user to choose
between supplying an external 32.768 kHz clock or use
of the internal 32 kHz oscillator to measure the tachom-
eter signal. This clock source is used by the RPM-
based Fan Speed Control algorithm to calculate the
current fan speed. This fan controller accuracy is
directly proportional to the accuracy of the clock
source.
When this function is used, the external clock is driven
into the device via the CLK pin.
4.7.1
INTERNAL CLOCK
Alternately, the EMC2301/2/3/5 may be configured to
use its internal clock as a clock output to drive other fan
driver devices. When configured to operate in this
mode, the device uses its internal clock for tachometer
reading and drives the CLK pin using a push-pull driver.
4.8
Spin Up Routine
The EMC2301/2/3/5 also contains programmable cir-
cuitry to control the spin up behavior of the fan driver to
ensure proper fan operation. This circuitry is controlled
though the Spin-Up Configuration register (see
Register 6-16).
The Spin Up Routine is initiated in the Direct Setting
mode when the setting value changes from 00h to
anything else.
When the Fan Speed Control algorithm is enabled, the
Spin Up Routine is initiated under the following
conditions:
1.
The TACH Target Register value changes from
a value of FFh to a value that is less than the
Valid TACH Count (see Register 6-19).
2.
The RPM-based Fan Speed Control algorithm’s
measured TACH Reading Register value is
greater than the Valid TACH Count setting.
When the Spin Up Routine is operating, the fan driver
is set to full scale (optional) for one quarter of the total
user defined spin up time. For the remaining spin up
time, the fan driver output is set at a user-defined level
as shown in Table 4-10.
The amount of time allocated to the Spin Up Routine is
also selectable using the SPT bits within Register 6-16.
The times available are shown in Table 4-11.
After the Spin Up Routine has finished, the EMC2301/
2/3/5 measures the TACHx signal. If the measured
TACH Reading Register value is higher than the Valid
TACH Count Register setting, the FNSPIN status bit
(see Register 6-2) is set and the Spin Up Routine will
automatically attempt to restart the fan.
Figure 4-2 shows an example of the Spin Up Routine in
response to a programmed fan speed change based
on the first condition above.
FIGURE 4-2:
Spin Up Routine.
TABLE 4-9:
CLK PIN PULL-UP DECODE
Pull-Up Resistor
Fan Default Drive
Setting
4.7k Ohm ±5%
0% - OFF
6.8k Ohm ±5%
30%
10k Ohm ±5%
50%
15k Ohm ±5%
75%
22k Ohm ±5%
100%
33k Ohm ±5%
0% - OFF
TABLE 4-10:
SPIN LEVEL
SPLVX[2:0]
Spin Up Drive Level
21
0
00
0
30%
00
1
35%
01
0
40%
01
1
45%
10
0
50%
10
1
55%
11
0
60% (default)
11
1
65%
TABLE 4-11:
SPIN TIME
SPTX[1:0]
Total Spin Up
Time
10
00
250 ms
01
500 ms (default)
10
1 sec
11
2 sec
100%
(optional)
30% th rough 65 %
F an S tep
Sp in U p T im e
¼ o f S p in U p T ime
U pdate T im e
Tach Targe t C o un t
C han ge d
Tach T a rg et
Co u n t Re a ch e d
Ne w T a rg e t
C ount
P rev T a rg et
C ount = F F h
C heck T A C H
Kick
A lgorithm
c ontro lled
No
Kick
S p in -up
c ontro lled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com