Electronic Components Datasheet Search
  English  ▼

X  

EMC2303 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC2303
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2303 Datasheet(HTML) 1 Page - Microchip Technology

  EMC2303 Datasheet HTML 1Page - Microchip Technology EMC2303 Datasheet HTML 2Page - Microchip Technology EMC2303 Datasheet HTML 3Page - Microchip Technology EMC2303 Datasheet HTML 4Page - Microchip Technology EMC2303 Datasheet HTML 5Page - Microchip Technology EMC2303 Datasheet HTML 6Page - Microchip Technology EMC2303 Datasheet HTML 7Page - Microchip Technology EMC2303 Datasheet HTML 8Page - Microchip Technology EMC2303 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 1
EMC2301/2/3/5
Features
• Up To Five Programmable Fan Control Circuits:
- 4-wire fan compatible
- High-speed PWM (26 kHz)
- Low-speed PWM (9.5 Hz-2240 Hz)
- Optional detection of aging fans
- Fan Spin Up Control and Ramp Rate Control
- Alert on Fan Stall
- Up to three selectable default fan speeds for
the EMC2303/5
• Watchdog Timer
• RPM-Based Fan Control Algorithm:
- 0.5% accuracy from 500 RPM to 16k RPM
(external crystal oscillator)
- 1% accuracy from 500 RPM to 16k RPM
(internal clock)
• SMBus 2.0 Compliant:
- Up to 6 selectable SMBus addresses for the
EMC2303/5
- SMBus Alert compatible
• CLK Pin Can Provide a Clock Source Output
• EMC2301 Available in an 8-Pin MSOP Lead-Free
RoHS Compliant Package
• EMC2302 Available in a 10-Pin MSOP Lead-Free
RoHS Compliant Package
• EMC2303 Available in a 12-Pin 4 mm x 4 mm
QFN Lead-Free RoHS Compliant Package
• EMC2305 Available in a 16-Pin 4 mm x 4 mm
QFN Lead-Free RoHS Compliant Package
General Description
The EMC2301/2/3/5 family is an SMBus compliant fan
controller with up to five independently controlled PWM
fan drivers. Each fan driver is controlled by a program-
mable frequency PWM driver and Fan Speed Control
algorithm that operates in either a closed loop fashion
or as a directly PWM-controlled device.
Each closed loop Fan Speed Control (FSC) algorithm
has the capability to detect aging fans and alert the sys-
tem. It will likewise detect stalled or locked fans and
trigger an interrupt.
Additionally, the EMC2301/2/3/5 devices offer a clock
output so that multiple devices may be chained as cli-
ents to the same clock source for optimal performance
in large distributed systems.
Package Types
Device Features
Device
PWM Fan
Control
Channels
SMBus
Address
Default
Start-Up
RPM
Select
EMC2301
1
Fixed
No
EMC2302
2
Fixed
No
EMC2303
3
6 Selectable
Yes
EMC2305
5
6 Selectable
Yes
EMC2301 (MSOP-8)
EMC2302 (MSOP-10)
EMC2303 (4 x 4 mmQFN-12)
* Includes Exposed Thermal Pad (see Table 3-1).
1
2
3
8
7
6
VDD
SMCLK
PWM
SMDATA
CLK
GND
TACH
ALERT
4
5
1
2
3
10
9
8
VDD
SMCLK
PWM1
SMDATA
CLK
GND
TACH1
PWM2
TACH2
ALERT
4
5
7
6
1
2
3
9
8
7
VDD
SMCLK
TACH2
SMDATA
CLK
PWM2
EP13
1
2
3
4
12
11
10
9
VDD
SMCLK
SMDATA
CLK
ADDR_SEL
PWM3
TACH3
ALERT
EP17
EMC2305 (4 x 4 mm QFN-16)
Single/Multiple RPM-Based PWM Fan Controller


Similar Part No. - EMC2303

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
Multiple RPM-Based PWM Fan Controller
EMC2303-1-KP-TR SMSC-EMC2303-1-KP-TR Datasheet
796Kb / 51P
Multiple RPM-Based PWM Fan Controller
EMC2303-1-KP-TR SMSC-EMC2303-1-KP-TR Datasheet
805Kb / 52P
Multiple RPM-Based PWM Fan Controller for Three Fans
EMC2303 SMSC-EMC2303_11 Datasheet
805Kb / 52P
Multiple RPM-Based PWM Fan Controller for Three Fans
More results

Similar Description - EMC2303

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2301 SMSC-EMC2301 Datasheet
653Kb / 42P
RPM-Based PWM Fan Controller
EMC2302 SMSC-EMC2302 Datasheet
678Kb / 44P
Dual RPM-Based PWM Fan Controller
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
Multiple RPM-Based PWM Fan Controller
EMC2305 SMSC-EMC2305 Datasheet
861Kb / 55P
Multiple RPM-Based PWM Fan Controller for Five Fans
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2305 SMSC-EMC2305_11 Datasheet
869Kb / 56P
Multiple RPM-Based PWM Fan Controller for Five Fans
EMC2303 SMSC-EMC2303_11 Datasheet
805Kb / 52P
Multiple RPM-Based PWM Fan Controller for Three Fans
EMC2302 SMSC-EMC2302_11 Datasheet
688Kb / 45P
Dual RPM-Based PWM Fan Controller
EMC2301 SMSC-EMC2301_11 Datasheet
662Kb / 43P
RPM-Based PWM Fan Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com