Electronic Components Datasheet Search
  English  ▼

X  

EMC2303 Datasheet(PDF) 23 Page - Microchip Technology

Part # EMC2303
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2303 Datasheet(HTML) 23 Page - Microchip Technology

Back Button EMC2303 Datasheet HTML 19Page - Microchip Technology EMC2303 Datasheet HTML 20Page - Microchip Technology EMC2303 Datasheet HTML 21Page - Microchip Technology EMC2303 Datasheet HTML 22Page - Microchip Technology EMC2303 Datasheet HTML 23Page - Microchip Technology EMC2303 Datasheet HTML 24Page - Microchip Technology EMC2303 Datasheet HTML 25Page - Microchip Technology EMC2303 Datasheet HTML 26Page - Microchip Technology EMC2303 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 23
EMC2301/2/3/5
5.11
SMBus Read Byte
The Read Byte protocol is used to read one byte of data
from the registers as shown in Table 5-5.
5.12
Block Read
The Block Read protocol is used to read multiple data
bytes from a group of contiguous registers as shown in
Table 5-6. It is an extension of the Read Byte Protocol.
5.13
SMBus Send Byte
The Send Byte protocol is used to set the internal
address register pointer to the correct address location.
No data is transferred during the Send Byte protocol,
as shown in Table 5-7.
5.14
SMBus Receive Byte
The Receive Byte protocol is used to read data from a
register when the internal register address pointer is
known to be at the right location (e.g. set via Send
Byte). This is used for consecutive reads of the same
register as shown in Table 5-8.
5.15
Alert Response Address
The ALERT output can be used as a processor inter-
rupt or as an SMBus Alert when configured to operate
as an interrupt. When it detects that the ALERT pin is
asserted, the host will send the Alert Response
Address (ARA) to the general address of 0001_100xb.
All devices with active interrupts will respond with their
client address as shown in Table 5-9.
The EMC2301/2/3/5 will respond to the ARA in the fol-
lowing way if the ALERT pin is asserted.
1.
Send Client Address and verify that full client
address was sent (i.e. the SMBus communica-
tion from the device was not prematurely
stopped due to a bus contention event).
2.
Set the MASK bit to clear the ALERT pin.
TABLE 5-5:
READ BYTE PROTOCOL
S
T
A
R
T
CLIENT
ADDR.
W
R
A
C
K
REG.
ADDR.
A
C
K
1 → 0
YYYY_YYY
00
XXh
0
S
T
A
R
T
CLIENT
ADDR.
R
D
A
C
K
REG.
DATA
N
A
C
K
S
T
O
P
1 → 0 YYYY_YYYb 10
XXh
10 → 1
Note:
When using the Block Read protocol, the
internal address pointer will be automati-
cally incremented after every data byte is
received. It will wrap from FFh to 00h.
TABLE 5-6:
BLOCK READ PROTOCOL
S
T
A
R
T
CLIENT
ADDR.
W
R
A
C
K
REG.
ADDR.
A
C
K
1 → 0 YYYY_
YYY
00
XXh
0
S
T
A
R
T
CLIENT
ADDR.
R
D
A
C
K
REG.
DATA
A
C
K
REG.
DATA
N
A
C
K
S
T
O
P
1 → 0 YYYY_
YYY
10
XXh
0
XXh
10 → 1
Note:
The Block Write and Block Read protocols
require that the address pointer be auto-
matically incremented. For a read com-
mand, the address pointer will be
automatically incremented when the ACK
is sent by the host. There are no over or
under bound limit checking and the
address pointer will wrap around from FFh
to 00h if necessary.
TABLE 5-7:
SEND BYTE PROTOCOL
S
T
A
R
T
CLIENT
ADDR.
W
R
A
C
K
REG.
ADDR.
A
C
K
S
T
O
P
1 → 0
YYYY_
YYY
00
XXh
00 → 1
TABLE 5-8:
RECEIVE BYTE PROTOCOL
S
T
A
R
T
CLIENT
ADDR.
R
D
A
C
K
REG.
DATA
N
A
C
K
S
T
O
P
1 → 0
YYYY_
YYY
10
XXh
10 → 1
TABLE 5-9:
ALERT RESPONSE ADDRESS
PROTOCOL
S
T
A
R
T
ALERT
RESPONSE
ADDR.
R
D
A
C
K
DEVICE
ADDR.
N
A
C
K
S
T
O
P
1 → 0
0001_
100b
10
YYYY_
YYYb
10 → 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com