Electronic Components Datasheet Search
  English  ▼

X  

EMC2303 Datasheet(PDF) 19 Page - Microchip Technology

Part # EMC2303
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2303 Datasheet(HTML) 19 Page - Microchip Technology

Back Button EMC2303 Datasheet HTML 15Page - Microchip Technology EMC2303 Datasheet HTML 16Page - Microchip Technology EMC2303 Datasheet HTML 17Page - Microchip Technology EMC2303 Datasheet HTML 18Page - Microchip Technology EMC2303 Datasheet HTML 19Page - Microchip Technology EMC2303 Datasheet HTML 20Page - Microchip Technology EMC2303 Datasheet HTML 21Page - Microchip Technology EMC2303 Datasheet HTML 22Page - Microchip Technology EMC2303 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 19
EMC2301/2/3/5
4.9
Power-Up Options
The EMC2303/5 allows for one of four fan speed
options upon device power-up depending on the status
of the pull-up resistor on the ADDR_SEL pin and the
CLK pin. If the ADDR_SEL pin decode enables the
CLK pin (see Table 5-1), then the value of the pull-up
resistor on the CLK pin is used to determine the default
fan drive setting (see Section 4.6 “Pull-Up Decode”).
If the Fan Drive setting is set at a non-zero value (as
determined by the CLK pin), then the drive setting will
be set to the desired setting. The Spin Up Routine will
not be activated. This function does not disable the
Watchdog timer which will continue to function
normally. See Section 4.11 “Watchdog Timer”.
4.10
Ramp Rate Control
The Fan Driver can be configured with automatic ramp
rate control. Ramp rate control is accomplished by
adjusting the drive output settings based on the Maxi-
mum Fan Step Register settings and the Update Time
settings.
If the RPM-based Fan Speed Control algorithm is used,
then this ramp rate control is automatically used. The
user programs a maximum step size for the fan drive
setting and an update time. The update time varies
from 100 ms to 1.6s while the fan drive maximum step
can vary from 1 count to 31 counts, and can be set in
Register 6-17.
When a new fan drive setting is entered, the delta from
the next fan drive setting and the previous fan drive set-
ting is determined. If this delta is greater than the Max
Step settings, then the fan drive setting is incrementally
adjusted every 100 ms to 1.6s as determined by the
Update Time until the target fan drive setting is
reached. See Table 4-3.
FIGURE 4-3:
Ramp Rate Control.
4.11
Watchdog Timer
The EMC2301/2/3/5 contains an internal Watchdog
Timer for all fan drivers. The Watchdog Timer monitors
the SMBus traffic for signs of activity and works in two
different modes based upon device operation. These
modes are Power-Up Operation and Continuous
Operation as described below.
For either mode of operation, if four seconds elapse
without activity detected by the host, then the
Watchdog will be triggered and the following will occur:
1.
The WATCH status bit will be set.
2.
The fan driver will be set to full scale drive. It will
remain at full scale drive until it is disabled.
3.
The ALERT pin will be asserted.
4.11.1
POWER-UP OPERATION
The Watchdog Timer only starts immediately after
power-up. Once it has been triggered or deactivated, it
will not restart although it can be configured to operate
in Continuous operation. While the Watchdog timer is
active, the device will not check for a Stalled Fan
condition.
During the Power-Up Operation, the Watchdog Timer is
disabled by any of the following actions:
1.
Writing the Fan Setting Register will disable the
Watchdog Timer.
2.
Enabling the RPM-based Fan Speed Control
algorithm by setting the ENAGx bit will disable
the Watchdog Timer. The fan driver will be set
based on the RPM-based Fan Speed Control
algorithm.
Writing any other configuration registers will not disable
the Watchdog Timer upon power-up.
4.11.2
CONTINUOUS OPERATION
When configured to operate in Continuous Operation,
the Watchdog Timer will start immediately (see
WD_EN bits in Register 6-2). The timer will be reset by
any access (read or write) to the SMBus register set.
The four second Watchdog Timer will restart upon com-
pletion of SMBus activity.
Previous
Setting
Next Desired
Setting
Max
Step
Max
Step
Update
Time
Update
Time
Setting Changed
Note:
When the Watchdog timer is activated, the
Fan Speed Control algorithm is automati-
cally disabled. Disabling the Watchdog
will not automatically set the fan drive nor
re-activate
the
Fan
Speed
Control
algorithm. This must be done manually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com