Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATT Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal 36 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT Datasheet HTML 14Page - NXP Semiconductors PCF8545ATT Datasheet HTML 15Page - NXP Semiconductors PCF8545ATT Datasheet HTML 16Page - NXP Semiconductors PCF8545ATT Datasheet HTML 17Page - NXP Semiconductors PCF8545ATT Datasheet HTML 18Page - NXP Semiconductors PCF8545ATT Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
NXP Semiconductors
PCF8551
Universal 36 × 4 LCD segment driver
HOST
MICRO-
CONTROLLER
R ≤
tr
2Cb
SDA
SCL
36 segment drives
4 backplanes
LCD PANEL
(up to 144
elements)
PCF8551A
VDD
VSS
VSS
aaa-013223
VLCD
VLCD
VDD
CLK
n.c.
PORE
100 nF
100 nF
The resistance of the power lines must be kept to a minimum. A decoupling capacitor of at least
100 nF is recommended for the supplies.
Figure 8. Typical system configuration using I2C-bus, internal power-on reset disabled
The host microcontroller manages the 2-line I2C-bus communication channel with
the PCF8551A. The internal oscillator is used and the internal POR is disabled in the
example. The appropriate biasing voltages for the multiplexed LCD waveforms are
generated internally. The only other connections required to complete the system are the
power supplies (VDD, VSS, and VLCD) and the LCD panel chosen for the application.
HOST
MICRO-
CONTROLLER
SDIO
SCL
36 segment drives
4 backplanes
LCD PANEL
(up to 144
elements)
PCF8551B
VDD
VSS
VSS
aaa-013224
VLCD
VLCD
VDD
CLK
n.c.
PORE
100 nF
100 nF
CE
The resistance of the power lines must be kept to a minimum. A decoupling capacitor of at least
100 nF is recommended for the supplies.
Figure 9. Typical system configuration using SPI-bus, internal power-on reset enabled
The host microcontroller manages the 3-line SPI-bus communication channel with the
PCF8551B. The internal oscillator is enabled. The appropriate biasing voltages for
the multiplexed LCD waveforms are generated internally. The only other connections
required to complete the system are the power supplies (VDD, VSS, and VLCD) and the
LCD panel chosen for the application.
8.1 LCD bias generator
Fractional LCD biasing voltages are obtained from an internal voltage divider of three
impedances connected between VLCD and VSS. These intermediate levels are tapped
PCF8551
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 3 May 2021
15 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com