Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal 36 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 6Page - NXP Semiconductors PCF8545ATT Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
NXP Semiconductors
PCF8551
Universal 36 × 4 LCD segment driver
Bit
Symbol
Value
Description
0[1]
line inversion (driving scheme A)
1
frame inversion (driving scheme B)
Table 7. Display_ctrl_2 - display control command 2 register (address 03h) bit
description...continued
[1]
Default value.
7.2.3.1 Blinking
The whole display blinks at frequencies selected by the blink control bits BL[1:0], see
Table 7. The blink frequencies are derived from the clock frequency. During the blank-out
phase of the blinking period, the display is turned off.
If an external clock with frequency fclk(ext) is used, the blinking frequency is determined by
Equation 1. For notation, see Section 8.2.
(1)
7.2.3.2 Line inversion (driving scheme A) and frame inversion (driving scheme B)
The waveforms used to drive LCD inherently produce a DC voltage across the display
cell. The PCF8551 compensates for the DC voltage by inverting the waveforms on
alternate frames or alternate lines. The choice of compensation method is determined
with the INV bit.
7.3 Starting and resetting the PCF8551
If the internal Power-On Reset (POR) is enabled by connecting pin PORE to VDD, the
chip resets automatically when VDD rises above the minimum supply voltage. No further
action is required.
If the internal POR is disabled by connecting pin PORE to VSS, the chip must be reset by
a software reset (see Section 7.3.3).
Following a reset, the register 00h has to be rewritten with 0h by the next command byte
or the address pointer AP[4:0] has to be set to the required address after a new START
procedure. See also application information in Section 15.
7.3.1 Power-down mode
After a reset, the PCF8551 remains in power-down mode. In power-down mode the
oscillator is switched off and there is no output on pin CLK. The register settings remain
unchanged and the bus remains active. To enable the PCF8551, bit DE (command
Display_ctrl_1, see Table 6) must be set to logic 1.
7.3.2 Power-On Reset (POR)
If pin PORE is connected to VDD, the PCF8551 comprises an internal POR, which puts
the device into the following starting conditions:
• All backplane and segment outputs are set to VSS
• The selected drive mode is: 1:4 multiplex with 1⁄3 bias
• Blinking is switched off
PCF8551
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 3 May 2021
10 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com