| Electronic Components Datasheet Search |
|
PCF8545ATT Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 51 page ![]() NXP Semiconductors PCF8551 Universal 36 × 4 LCD segment driver Apply VDD(2) Apply VLCD(1) Reset Write display data Set device control register Set display control register(s) POWER-ON Disable display Remove VLCD(1) Remove VDD(2) POWER-OFF aaa-011937 Reset: internal power-on reset if PORE = 1, or software reset. If an external oscillator is used, clock must be available after reset. 1. Can be simultaneous with VDD. 2. Can be simultaneous with VLCD. Figure 16. Recommended power-up and power-off sequence 10 Bus interfaces 10.1 I2C-bus interface of the PCF8551A The I2C-bus is for bidirectional, two-line communication between different ICs. The two lines are a Serial DAta line (SDA) and a Serial CLock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor. Data transfer may be initiated only when the bus is not busy. Both data and clock lines remain HIGH when the bus is not busy. The PCF8551A acts as a slave receiver when being written to and as a slave transmitter when being read from. aaa-010487 Write ACK from slave S A A A P slave address + 0 write data write data write data A S A A A P read data read data read data A Read ACK from slave ACK from slave ACK from master slave address + 1 ACK from slave ACK from slave ACK from master ACK from slave Figure 17. I2C read and write protocol PCF8551 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 3.1 — 3 May 2021 25 / 51 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |