Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal 36 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT Datasheet HTML 14Page - NXP Semiconductors PCF8545ATT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
NXP Semiconductors
PCF8551
Universal 36 × 4 LCD segment driver
• The address pointer is cleared (set to logic 0)
• The display and the internal oscillator are disabled
• The display registers are set to logic 0
• The bus interface is initialized
Remark: The internal POR can be disabled by connecting pin PORE to VSS. In this case,
the internal registers are not defined and require a software reset, see Section 7.3.3.
Remark: For power-on with a slowly starting power supply, see Section 15.1.
7.3.3 Command: Software_reset
The internal registers including the display registers and the address pointer (set to logic
0) of the device are reset by the Software_reset command.
Bit
Symbol
Value
Description
software reset
0000 0000[2]
no reset
7 to 0
SR[7:0][1]
0010 1100
software reset
Table 8. Software_reset - software reset command register (address 00h) bit
description
[1]
Software_reset only generates a reset pulse, therefore this register always reads back as 00h.
[2]
Default value.
7.4 Display data register mapping
Segments
SEG0 to SEG7
SEG8 to SEG15
SEG16 to SEG23
SEG24 to SEG31
SEG32 to SEG35
Backplanes[1]
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
1:4 multiplex drive mode
COM0
content of 04h
content of 05h
content of 06h
content of 07h
content of 08h
COM1
content of 09h
content of 0Ah
content of 0Bh
content of 0Ch
content of 0Dh
COM2
content of 0Eh
content of 0Fh
content of 10h
content of 11h
content of 12h
COM3
content of 13h
content of 14h
content of 15h
content of 16h
content of 17h
1:3 multiplex drive mode
COM0
content of 04h
content of 05h
content of 06h
content of 07h
content of 08h
COM1
content of 09h
content of 0Ah
content of 0Bh
content of 0Ch
content of 0Dh
COM2
content of 0Eh
content of 0Fh
content of 10h
content of 11h
content of 12h
1:2 multiplex drive mode
COM0
content of 04h
content of 05h
content of 06h
content of 07h
content of 08h
COM1
content of 09h
content of 0Ah
content of 0Bh
content of 0Ch
content of 0Dh
static drive mode
COM0
content of 04h
content of 05h
content of 06h
content of 07h
content of 08h
Table 9. Register to segment and backplane mapping
[1]
See also Section 8.3.1
PCF8551
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 3 May 2021
11 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com