Electronic Components Datasheet Search
  English  ▼

X  

MAX11152 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11152
Description  High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11152 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11152 Datasheet HTML 3Page - Maxim Integrated Products MAX11152 Datasheet HTML 4Page - Maxim Integrated Products MAX11152 Datasheet HTML 5Page - Maxim Integrated Products MAX11152 Datasheet HTML 6Page - Maxim Integrated Products MAX11152 Datasheet HTML 7Page - Maxim Integrated Products MAX11152 Datasheet HTML 8Page - Maxim Integrated Products MAX11152 Datasheet HTML 9Page - Maxim Integrated Products MAX11152 Datasheet HTML 10Page - Maxim Integrated Products MAX11152 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Maxim Integrated │ 7
www.maximintegrated.com
Evaluates: MAX11150/MAX11152/
MAX11158/MAX11160/MAX11161/MAX11162/
MAX11163/MAX11168/MAX11169
MAX1115X/MAX1116X Family
Evaluation Kit
General Description of Software
The main window of the EV kit software contains five
tabs:
Configuration, Scope, DMM, Histogram, and FFT.
The
Configuration tab provides control for the two ADCs
configuration during data capture. The other four tabs are
used for evaluating the data captured by the ADCs. In
addition, the sample data can be saved to a file.
Configuration Tab
The
Configuration tab provides an interface for selecting
and configuring the ADC from a functional perspective.
Select the desired
Device in the drop-down list and the
corresponding properties of the device are displayed
including
Resolution, Input Range, Reference Voltage,
and
Max Sample Rate. If the selected ADC uses an
external reference, then use the
Reference Voltage
numeric box to enter the measured reference value. The
on-board reference is 5V.
The sampling settings are available on the left, which
allow the user to select the
Channel, Sample Rate,
Number of Samples, and SCLK Frequency. The SCLK
Frequency selection is required prior to adjusting to the
desired sampling rate.
The two ADCs on the EV kit have a variety of interface
modes to the master. The modes include CS mode and
daisy-chain mode.
CS Mode (Single ADC Mode)
The factory-default jumper settings have the ADCs on the
EV kit configured for CS mode, using the Channel 1 device
(U10) and Channel 2 device (U14). In the
Configuration
tab the correct selection must be made for
CS Mode. If
the busy bit is desired, select
CS Mode with Busy and
populate J20.
Daisy-Chain Mode
To use the ADCs in daisy-chain mode, move the shunts
described in Table 3 for J19 and J38 so the SDO of U14
(DOUT2_DAISY) connects to the SDI of U10. The SDO
of U10 connects to the SPI MISO for the GUI to read
the data. In the
Configuration tab, the correct selection
must be made for
Interface Mode set as Daisy-chain.
The channel selection automatically changes to
Both
Channels in daisy-chain mode.
Dual ADC Mode (Sequential or Simultaneous)
There are two ADCs on the EV kit. In standalone mode,
the two ADCs are read sequentially, while in FPGA mode
they can be read simultaneously. To use the ADCs in
multichannel mode, move the shunts described in Table 3
for CS Mode. In the
Configuration tab, the correct selec-
tion must be made for
Both Channels and the Interface
Mode must be in CS mode.
Table 3. Interface Mode Jumper Settings
INTERFACE MODE
J35
J38
J19
J20
CS Mode, No Busy
CNVST2 (3-4), SCLK2 (7-8), DVDD (11-12)
DOUT2 (1-2)
DVDD (1-2)
OPEN
CS Mode, With Busy
CNVST2 (3-4), SCLK2 (7-8), DVDD (11-12)
DOUT2 (1-2)
DVDD (1-2)
SHORT
Daisy Chain
CNVST1 (1-2), SCLK1 (5-6), AGND (9-10)
DOUT_DAISY (3-4)
DOUT_DAISY (3-4)
OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com