Electronic Components Datasheet Search
  English  ▼

X  

MAX11152 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11152
Description  High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11152 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11152 Datasheet HTML 7Page - Maxim Integrated Products MAX11152 Datasheet HTML 8Page - Maxim Integrated Products MAX11152 Datasheet HTML 9Page - Maxim Integrated Products MAX11152 Datasheet HTML 10Page - Maxim Integrated Products MAX11152 Datasheet HTML 11Page - Maxim Integrated Products MAX11152 Datasheet HTML 12Page - Maxim Integrated Products MAX11152 Datasheet HTML 13Page - Maxim Integrated Products MAX11152 Datasheet HTML 14Page - Maxim Integrated Products MAX11152 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Maxim Integrated │ 11
www.maximintegrated.com
Evaluates: MAX11150/MAX11152/
MAX11158/MAX11160/MAX11161/MAX11162/
MAX11163/MAX11168/MAX11169
MAX1115X/MAX1116X Family
Evaluation Kit
Histogram Tab
The
Histogram tab sheet is used to capture the histogram
of the data. Sampling rate and number of samples can
also be set in this tab if they were not appropriately
adjusted in other tabs. Once the desired configuration is
set, click on the
Capture button. The right side of the tab
sheet displays details of the histogram such as average,
standard deviation, maximum, minimum, peak-to-peak
noise, effective resolution, and noise-free resolution.
Figure 4 shows data when inputs AIN0+ and AIN0- are
connected to GND.
Figure 4. EV Kit Software (Histogram Tab)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com