Electronic Components Datasheet Search
  English  ▼

X  

MAX11152 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11152
Description  High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11152 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11152 Datasheet HTML 4Page - Maxim Integrated Products MAX11152 Datasheet HTML 5Page - Maxim Integrated Products MAX11152 Datasheet HTML 6Page - Maxim Integrated Products MAX11152 Datasheet HTML 7Page - Maxim Integrated Products MAX11152 Datasheet HTML 8Page - Maxim Integrated Products MAX11152 Datasheet HTML 9Page - Maxim Integrated Products MAX11152 Datasheet HTML 10Page - Maxim Integrated Products MAX11152 Datasheet HTML 11Page - Maxim Integrated Products MAX11152 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Maxim Integrated │ 8
www.maximintegrated.com
Evaluates: MAX11150/MAX11152/
MAX11158/MAX11160/MAX11161/MAX11162/
MAX11163/MAX11168/MAX11169
MAX1115X/MAX1116X Family
Evaluation Kit
System Calibration
The purpose of this procedure is to calculate coefficients
to compensate gain and offset error. This procedure
allows the calibration using any two points that fit the input
voltage range. A DC supply and DMM is required for this
procedure.
1) Measure the zero-scale and full-scale signal applied
at the input of the EV kit.
2) Enter the voltage values into the
Input Measured
(V) Min and Max numeric boxes (±5V or ±10V de-
pending upon the ADC device on the EV kit).
3) Apply a zero-scale signal (-5V or -10V depending
upon ADC device on the EV kit) to the ADC inputs
and click
Read Data.
4) Enter the
Data (V) value into the ADC Data Read
(V) Min numeric box.
5) Apply a full-scale signal (+5V or +10V depending
upon ADC device on the EV kit) to the ADC inputs
and click
Read Data.
6) Enter the
Data (V) value into the ADC Data Read
(V) Max numeric box.
7) Click
Calculate.
8) The GUI will adjust the
Gain Coefficient value and
Offset (mV) value.
9) Software calibration is enabled by checking the
En-
able Calibration checkbox. This calibration is used
for measurements taken with the
Scope, DMM,
Histogram, and FFT tabs.
Figure 1. EV Kit Software (Configuration Tab)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com