Electronic Components Datasheet Search
  English  ▼

X  

RCM60 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # RCM60
Description  Ultra-wide input voltage range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM60 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  RCM60 Datasheet HTML 1Page - Bel Fuse Inc. RCM60 Datasheet HTML 2Page - Bel Fuse Inc. RCM60 Datasheet HTML 3Page - Bel Fuse Inc. RCM60 Datasheet HTML 4Page - Bel Fuse Inc. RCM60 Datasheet HTML 5Page - Bel Fuse Inc. RCM60 Datasheet HTML 6Page - Bel Fuse Inc. RCM60 Datasheet HTML 7Page - Bel Fuse Inc. RCM60 Datasheet HTML 8Page - Bel Fuse Inc. RCM60 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00989 Rev A, 14-Jun-2021
Page 4 of 16
RCM60 Series
60 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Electrical Input Data
General conditions:
- T
A = 25 °C, unless TC is specified.
Table 2: Input data of RCM60 models
Model
12RCM60
XRCM60
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
V
i cont
Operating input voltage continuous
I
o = 0 – Io nom
T
C min – TC max
8
36
16.8
137.5
V
V
i 2s
for ≤ 100 ms
without shutdown
7.2
40
14.4
154
V
i nom
Nominal input voltage
12, (24)
(24), (36), (72), (96), 110
V
i abs
Input voltage limits
2 s without damage
0
45
0
160
I
i
Maximum input current
V
i min, I o nom
10.5
5
A
P
i 0
No-load input power
V
i min – Vi max, Io = 0
6
6
W
P
i SD
Idle input power
V
i min – Vi max, VSD = 0 V
1.5
1.5
C
i
Input capacitance 1
520
40
µF
R
i
Input resistance
100
100
mΩ
I
inr p
Peak inrush current
V
i = Vi max, P o nom
30
15
A
t
inr d
Duration of inrush current
0.5
0.5
ms
t
on
Start-up time
0 → V
i min, P o nom
1000
1000
Start-up time after removal of shutdown
V
i min, P o nom
V
SD = 0 → 5 V
500
500
1
Not smoothed by the inrush current limiter at start-up (for inrush current calculation)
Input Transient and Reverse Polarity Protection
A suppressor diode, varistor and a symmetrical input filter form an effective protection against input transients, which typically
occur in many installations, but especially in battery-driven mobile applications.
If the input voltage has the wrong polarity, the incorporated antiparallel diode causes the external input circuit breaker or fuse to
trip. With option F (incorporated fuse), an active reverse-polarity protection circuit prevents from any damage.
Input Under-/Overvoltage Lockout
If the input voltage is out of range, an internally generated inhibit signal disables the converter to avoid any damage.
Inrush Current and Stability with Long Supply Lines
The converter operates with relatively small input capacitance C
i resulting in low inrush current of short duration.
If a converter is connected to the power source through supply lines with reasonable length (<50 m), no additional measures are
necessary to ensure stable operation.
Only in the case of very long supply lines exhibiting a considerable inductance L
ext, an additional external capacitor Cext connected
across the input pins improves the stability and prevents oscillations; see fig. 2.
Vi+
Vi–
Vo+
Vo–
+
Lext
Rext
Cext
Ci
ri
Converter
Ri
Fig. 2
Input configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com