Electronic Components Datasheet Search
  English  ▼

X  

RCM60 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # RCM60
Description  Ultra-wide input voltage range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM60 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button RCM60 Datasheet HTML 7Page - Bel Fuse Inc. RCM60 Datasheet HTML 8Page - Bel Fuse Inc. RCM60 Datasheet HTML 9Page - Bel Fuse Inc. RCM60 Datasheet HTML 10Page - Bel Fuse Inc. RCM60 Datasheet HTML 11Page - Bel Fuse Inc. RCM60 Datasheet HTML 12Page - Bel Fuse Inc. RCM60 Datasheet HTML 13Page - Bel Fuse Inc. RCM60 Datasheet HTML 14Page - Bel Fuse Inc. RCM60 Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00989 Rev A, 14-Jun-2021
Page 11 of 16
RCM60 Series
60 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Electromagnetic Emissions
All conducted emissions (fig. 8) have been tested as per EN 55011, group 1, class A. These limits are much stronger than
requested in EN 50121-3-2:2016, table 2.1, and coincide with EN 50121-4:2016, table 1.1. The values in fig. 8 are quasipeak values,
which are always lower then peak values.
The average values must respect a margin of 10 dBµV below the limits for quasipeak.
Radiated emissions have been tested according to EN 55011, group 1, class A. These limits are similar to the requirements of
EN 50121-3-2:2016 and EN 50121-4:2016, both calling up EN 61000-6-4+A1:2011, table 1. The tests were executed with horizontal
and vertical polarization. The worse result is shown in Fig. 9.
Note: The highest frequency of the internal sources of EUT is less than 108 MHz. Hence, Radiated Measurement was made up to 1 GHz.
Non-accredited measurement up to 6 GHz are available on request.
Fig. 8a
XRCM60-24: Typ. disturbance voltage at the input
(V
i = 16.8 V, Ii nom, resistive load, quasi peak and average)
Fig. 8b
XRCM60-24: Typ. disturbance voltage at the input
(V
i = 137.5 V, Ii nom, resistive load, quasi peak and average)
0
10
20
30
40
50
60
QP LIMIT EN 61000-6-4
< 30 dB (uV/m)
0
10
20
30
40
50
60
QP LIMIT EN 61000-6-4
< 30 dB (uV/m)
Fig. 9a
XRCM60-24: Typ. radiated disturbances in 10 m
distance (V
i = 16.8 V, Ii nom, resistive load, quasi peak).
Fig. 9b
XRCM60-24: Typ. radiated disturbances in 10 m
distance (V
i = 137.5 V, Ii nom, resistive load, quasi peak).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com