Electronic Components Datasheet Search
  English  ▼

X  

RCM60 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # RCM60
Description  Ultra-wide input voltage range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM60 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button RCM60 Datasheet HTML 5Page - Bel Fuse Inc. RCM60 Datasheet HTML 6Page - Bel Fuse Inc. RCM60 Datasheet HTML 7Page - Bel Fuse Inc. RCM60 Datasheet HTML 8Page - Bel Fuse Inc. RCM60 Datasheet HTML 9Page - Bel Fuse Inc. RCM60 Datasheet HTML 10Page - Bel Fuse Inc. RCM60 Datasheet HTML 11Page - Bel Fuse Inc. RCM60 Datasheet HTML 12Page - Bel Fuse Inc. RCM60 Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00989 Rev A, 14-Jun-2021
Page 9 of 16
RCM60 Series
60 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Description of Options
General conditions:
- T
A = 25 °C, unless TC is specified.
Option D: Output Voltage Monitor
Option D encompasses an output voltage monitor by a solid state relay. When V
o is in range, a solid state relay is activated
(connecting OK1 with OK2). Max. data of relay contacts: 0.2 A /120 VDC
Note: The trigger levels are typ. ±5 % of V
o.
Option Q: ORing FET for Redundant Systems
The outputs of 2 parallel connected converters are separated with ORing diodes (built by FETs). If one converter fails, the
remaining one must be capable to still deliver the full power to the load. If more power is needed, the system may be extended to
more parallel converters (n+1 redundancy).
Current sharing must be ensured by load lines of equal section and length. In addition, a slight droop characteristic of the output
voltage and a negative temperature coefficient improve the load sharing as well.
To keep the losses as small as possible, the ORing diode is replaced by a FET. The voltage drop is approx. 22 mV (not dependent of I
o).
Note: In the case of a failing converter, the output voltage is maintained by the redundant converters. However, the failing item should be
identified and replaced. We recommend the Out OK function (option D).
Option F: Incorporated Fuse
The railway standard EN 50155 disadvises fuses in the converters. Consequently, the installer must preview an external fuse or
circuit breaker. However, when this is not possible, an incorporated fuse is available (option F). This fuse is not accessible and will
not trip, except if the converter is defect.
Note: Converters with option F are protected against input reverse polarity by a series FET.
Table 4: Recommended external fuses (same as incorporated with option F)
Converter
Specification
12RCM60
15 A fast acting
XRCM60
8 A fast acting
Option K: Pluggable Connectors
This option allows the use of pre-assembled pluggable connectors; for details see Accessories.
Note: Female connectors must be ordered separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com