Electronic Components Datasheet Search
  English  ▼

X  

RCM60 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # RCM60
Description  Ultra-wide input voltage range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM60 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button RCM60 Datasheet HTML 8Page - Bel Fuse Inc. RCM60 Datasheet HTML 9Page - Bel Fuse Inc. RCM60 Datasheet HTML 10Page - Bel Fuse Inc. RCM60 Datasheet HTML 11Page - Bel Fuse Inc. RCM60 Datasheet HTML 12Page - Bel Fuse Inc. RCM60 Datasheet HTML 13Page - Bel Fuse Inc. RCM60 Datasheet HTML 14Page - Bel Fuse Inc. RCM60 Datasheet HTML 15Page - Bel Fuse Inc. RCM60 Datasheet HTML 16Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00989 Rev A, 14-Jun-2021
Page 13 of 16
RCM60 Series
60 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Mechanical Data
172
14.6
Wago 236-404
Vi+
Vi-
SD
Tc measurement point
Input connector
No Paint Zone
for ground screw
ø 10 mm
160
37.05
Vo+
Vo-
OK1
OK2
Output connector
Fig. 10
Case of RCM60 with standard cage clamp terminals, Aluminum, EP-powder coated
Weight approx. 350 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com