Electronic Components Datasheet Search
  English  ▼

X  

ICS172611 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS172611
Description  Low EMI Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS172611 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS172611 Datasheet HTML 1Page - Integrated Circuit Systems ICS172611 Datasheet HTML 2Page - Integrated Circuit Systems ICS172611 Datasheet HTML 3Page - Integrated Circuit Systems ICS172611 Datasheet HTML 4Page - Integrated Circuit Systems ICS172611 Datasheet HTML 5Page - Integrated Circuit Systems ICS172611 Datasheet HTML 6Page - Integrated Circuit Systems ICS172611 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Low EMI Clock Generator
MDS 1726-11 A
2
Revision 092905
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS1726-11
PRELIMINARY INFORMATION
Pin Assignment
Spread Direction and Percentage
Select Table
0 = connect to GND
M = unconnected (floating)
1 = connect directly to VDD
Pin Descriptions
X1/ICLK
GND
S1
VDD
S0
NC
SSCLK
X2
1
2
3
4
8
7
6
5
8 pin (150 mil) SOIC
8-pin (173 mil) TSSOP
S1
Pin 3
S0
Pin 4
Spread
Direction
Spread
Percentage
0
0
Center
±1.4
0
M
Center
±1.1
0
1
Center
±0.6
M
0
Center
±0.5
MM
No Spread
-
M
1
Down
-1.6
1
0
Down
-2.0
1
M
Down
-0.7
1
1
Down
-3.0
Pin
Number
Pin
Name
Pin Type
Pin Description
1
X1/ICLK
Input
Connect to a 16 to 32 MHz crystal or clock.
2
GND
Power
Connect to ground.
3
S1
Input
Function select 1 input. Selects spread amount and direction per table above.
(default-internal mid-level).
4
S0
Input
Function select 0 input. Selects spread amount and direction per table above.
(default-internal mid-level).
5
SSCLK
Output
Clock output with Spread spectrum.
6
NC
—
No connect. Do not connect this pin to anything.
7
VDD
Power
Connect to +3.3 V.
8
X2
XO
Crystal connection to a 16 to 32 MHz crystal. Leave unconnected for clock.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com