Electronic Components Datasheet Search
  English  ▼

X  

ICS172611 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS172611
Description  Low EMI Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS172611 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS172611 Datasheet HTML 1Page - Integrated Circuit Systems ICS172611 Datasheet HTML 2Page - Integrated Circuit Systems ICS172611 Datasheet HTML 3Page - Integrated Circuit Systems ICS172611 Datasheet HTML 4Page - Integrated Circuit Systems ICS172611 Datasheet HTML 5Page - Integrated Circuit Systems ICS172611 Datasheet HTML 6Page - Integrated Circuit Systems ICS172611 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Low EMI Clock Generator
MDS 1726-11 A
5
Revision 092905
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS1726-11
PRELIMINARY INFORMATION
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +70
° C
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Clock Frequency
16
32
MHz
Output Clock Frequency
16
32
MHz
Input Clock Duty Cycle
Time above VDD/2
40
60
%
Output Clock Duty Cycle
Time above 1.5 V
45
50
55
%
Cycle to cycle Jitter
Fin=27 MHz,
Fout=27 MHz
200
450
ps
Output Rise Time
tR
0.4 to 2.4 V
2.4
3.2
4.0
ns
Output Fall Time
tF
2.4 to 0.4 V
2.4
3.2
4.0
ns
EMI Peak Frequency Reduction
8 to 16
dB
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com