Electronic Components Datasheet Search
  English  ▼

X  

ICS172611 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS172611
Description  Low EMI Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS172611 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS172611 Datasheet HTML 1Page - Integrated Circuit Systems ICS172611 Datasheet HTML 2Page - Integrated Circuit Systems ICS172611 Datasheet HTML 3Page - Integrated Circuit Systems ICS172611 Datasheet HTML 4Page - Integrated Circuit Systems ICS172611 Datasheet HTML 5Page - Integrated Circuit Systems ICS172611 Datasheet HTML 6Page - Integrated Circuit Systems ICS172611 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS1726-11
MDS 1726-11 A
1
Revision 092905
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Low EMI Clock Generator
PRELIMINARY INFORMATION
Description
The ICS1726-11 generates a low EMI output clock
from a clock or crystal input. The part is designed to
dither the LCD interface clock for PDAs, printers,
scanners, modems, copiers, and others. Using ICS’
proprietary mix of analog and digital Phase-Locked
Loop (PLL) technology, the device spreads the
frequency spectrum of the output, reducing the
frequency amplitude peaks by several dB. The
ICS1726-11 offers both centered and down spread
from a high-speed clock input.
ICS offers many other clocks for computers and
computer peripherals. Consult us when you need to
remove crystals and oscillators from your board.
Features
• Packaged in 8-pin SOIC/TSSOP
• Provides a spread spectrum output clock
• Supports flat panel controllers
• Accepts a clock or crystal input (provides same
frequency dithered output)
• Input frequency range of 16 to 32 MHz
• Output frequency range of 16 to 32 MHz
• Center and down spread
• Peak reduction by 8 dB to 16 dB typical on 3rd
through 19th odd harmonics
• Low EMI feature can be disabled
• Includes power down
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
Block Diagram
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
X1
S1:0
SSCLK
2
GND
VDD
Clock Buffer/
Crystal
Ocsillator
X1/CLK
X2
External caps required for with crystal
for accurate tuning of the clock


Similar Part No. - ICS172611

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
ICS1722 GALAXY-ICS1722 Datasheet
207Kb / 24P
QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1722M GALAXY-ICS1722M Datasheet
207Kb / 24P
QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1722MT GALAXY-ICS1722MT Datasheet
207Kb / 24P
QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1722N GALAXY-ICS1722N Datasheet
207Kb / 24P
QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1722S GALAXY-ICS1722S Datasheet
207Kb / 24P
QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
More results

Similar Description - ICS172611

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
Revision 102804
ICS181-51 ICST-ICS181-51 Datasheet
90Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com