Electronic Components Datasheet Search
  English  ▼

X  

ICS172611 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS172611
Description  Low EMI Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS172611 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS172611 Datasheet HTML 1Page - Integrated Circuit Systems ICS172611 Datasheet HTML 2Page - Integrated Circuit Systems ICS172611 Datasheet HTML 3Page - Integrated Circuit Systems ICS172611 Datasheet HTML 4Page - Integrated Circuit Systems ICS172611 Datasheet HTML 5Page - Integrated Circuit Systems ICS172611 Datasheet HTML 6Page - Integrated Circuit Systems ICS172611 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Low EMI Clock Generator
MDS 1726-11 A
4
Revision 092905
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS1726-11
PRELIMINARY INFORMATION
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS1726-11. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +70
°C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
No load, at 3.3 V,
Fin=24 MHz
23
30
mA
No load, at 3.3 V,
Fin=32 MHz
35
mA
Input High Voltage
VIH
0.85VDD
VDD
VDD
V
Input middle Voltage
VIHM
0.4VDD
0.5VDD
0.6VDD
V
Input Low Voltage
VIL
0.0
0.0
0.15VDD
V
Output High Voltage
VOH
CMOS, IOH = -4 mA
2.4
V
Output High Voltage
VOH
IOH = -6 mA
2.0
V
Output Low Voltage
VOL
IOL = -4 mA
0.4
V
IOL = -10 mA
1.2
V
Input Capacitance
CIN1
S0, S1, pins
4
6
pF
CIN2
X1, X2 pins
6
9
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com