Electronic Components Datasheet Search
  English  ▼

X  

DA7400 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # DA7400
Description  High Performance Stereo Codec Final
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7400 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button DA7400 Datasheet HTML 56Page - Dialog Semiconductor DA7400 Datasheet HTML 57Page - Dialog Semiconductor DA7400 Datasheet HTML 58Page - Dialog Semiconductor DA7400 Datasheet HTML 59Page - Dialog Semiconductor DA7400 Datasheet HTML 60Page - Dialog Semiconductor DA7400 Datasheet HTML 61Page - Dialog Semiconductor DA7400 Datasheet HTML 62Page - Dialog Semiconductor DA7400 Datasheet HTML 63Page - Dialog Semiconductor DA7400 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 135 page
background image
DA7400
High Performance Stereo Codec
Final
Datasheet
Revision 3.0
03-Jul-2020
CFR0011-120-00
60 of 135
© 2020 Dialog Semiconductor
PLLD_IRQ_MASK register. By default, all the PLL events are masked and do not toggle the nIRQ
pin.
15.3.6
PLL Calculation Example
Follow the steps outlined below to configure the PLL with the following setup:
● 35 MHz MCLK as input clock
● DAI in Master mode
● SSR = 192 kHz
● DAI sample rate = 48 kHz
Configuration steps
1. Set CLK_SEL = 0, to set the input clock as MCLK.
2. Set bits INDIV = 0x5, to divide the incoming clock by 8 to get a ref_clk in the range of 2.5 MHz to
5 MHz.
3. Set bits PLL_SRM_MODE = 0x0 to disable SRM (DAI in Master mode).
4. Calculate FBDIV (when DAI rate is 48 kHz, the required system clock is 98.304 MHz, see
Section 15.3.3):
FBDIV = (sys_clk * 2) ÷ ref_clk
=> FBDIV (98.304 MHz * 2) ÷ (35 MHz / 8)
=> FBDIV = 44.93897143
5. Multiply fractional part => 0.93897143 * 213 = 7692 (decimal).
6. Convert fractional multiplication to binary => 0x1E0C.
7. Write fractional values to registers:
PLLD_FBDIV_FRAC_B0 = 0x0C.
PLLD_FBDIV_FRAC_B1 = 0x1E.
8. Write integer value to register
PLLD_FBDIV_INTEG = 44 (decimal) = 0x2C.
15.4 Audio Processing Unit
The audio sequencer controls the enabling and disabling of the APU, see Section 9. Program the
registers in the APU before switching the set.
15.4.1
APU Gain Control
The APU gain control is profile dependent and is typically used to control the output to the
headphones. The APU_USER_GAIN_C0_DB and APU_USER_GAIN_C1_DB provide gain control in
1 dB steps for Channels 0 and 1. The APU_USER_GAIN_C0_FINE and
APU_USER_GAIN_C1_FINE provide finer gain control in 0.0625 dB steps for Channels 0 and 1.
Changes to the APU gain are linearly ramped at the rate set in the APU_GAIN_RATE register.
15.4.2
Reading and Writing Memories
The two SRAM program memories, PROG-0 and PROG-1, and the data memory can be written to
whenever the device is in the STANDBY or ACTIVE state, see Section 9.6. The memory can be read
and written to directly a byte at a time or indirectly a word (4 bytes) at a time via the mailbox for
atomic reads and writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com