Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9130 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button DA9130 Datasheet HTML 10Page - Dialog Semiconductor DA9130 Datasheet HTML 11Page - Dialog Semiconductor DA9130 Datasheet HTML 12Page - Dialog Semiconductor DA9130 Datasheet HTML 13Page - Dialog Semiconductor DA9130 Datasheet HTML 14Page - Dialog Semiconductor DA9130 Datasheet HTML 15Page - Dialog Semiconductor DA9130 Datasheet HTML 16Page - Dialog Semiconductor DA9130 Datasheet HTML 17Page - Dialog Semiconductor DA9130 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
14 of 46
© 2021 Dialog Semiconductor
Note 2
For short durations to meet peak current requirements, IOUT can be operated at up to 10 % higher than
the specified maximum operating condition. The part should not be operated in this mode for extended
periods and is not guaranteed for continuous operation.
3.5
Performance and Supervision Characteristics
Table 9: Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VTHR_POR
Power-on-reset threshold
Threshold for AVDD falling
2.1
2.25
V
VTHR_POR_HYS
Power-on-reset hysteresis
200
mV
TWARN
Thermal warning
temperature threshold
115
125
135
°C
TCRIT
Thermal shutdown
temperature threshold
130
140
150
°C
IIN_OFF
Supply current
OFF state
TA = 27 °C
IC_EN = 0
0.1
1
μA
IIN_ON
Supply current
ON state
TA = 27 °C
IC_EN = 1
Buck off
5
10
20
μA
3.6
Digital IO Characteristics
Table 10: Digital I/O Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VIH_EN
Input high voltage, IC
enable
1.2
AVDD
V
VIL_EN
Input low voltage, IC enable
0.4
V
tIC_EN
IC enable time
1000
μs
VIH_GPIO_SCL_SDA
Input high voltage
GPIO, SCL, SDA
1.2
AVDD
V
VIL_GPIO_SCL_SDA
Input low voltage
GPIO, SCL, SDA
0.4
V
VOH_GPIO
Output high voltage
GPIO
Push-pull mode
IOUT = 1 mA
0.8*AV
DD
AVDD
V
VOL_GPIO
Output low voltage
GPIO
Push-pull mode
IOUT = 1 mA
0.2*AV
DD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com