Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9130 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button DA9130 Datasheet HTML 23Page - Dialog Semiconductor DA9130 Datasheet HTML 24Page - Dialog Semiconductor DA9130 Datasheet HTML 25Page - Dialog Semiconductor DA9130 Datasheet HTML 26Page - Dialog Semiconductor DA9130 Datasheet HTML 27Page - Dialog Semiconductor DA9130 Datasheet HTML 28Page - Dialog Semiconductor DA9130 Datasheet HTML 29Page - Dialog Semiconductor DA9130 Datasheet HTML 30Page - Dialog Semiconductor DA9130 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
27 of 46
© 2021 Dialog Semiconductor
5
Register Definitions
5.1
Register Map
Table 19: Register Map
Addr
Register
7
6
5
4
3
2
1
0
System Module
System
0x0001
SYS_STATUS_0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
TEMP_CRIT
TEMP_WARN
0x0002
SYS_STATUS_1
Reserved
Reserved
Reserved
Reserved
PG1
OV1
UV1
OC1
0x0003
SYS_STATUS_2
Reserved
Reserved
Reserved
Reserved
Reserved
GPIO2
GPIO1
GPIO0
0x0004
SYS_EVENT_0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
E_TEMP_CRI
T
E_TEMP_WA
RN
0x0005
SYS_EVENT_1
Reserved
Reserved
Reserved
Reserved
E_PG1
E_OV1
E_UV1
E_OC1
0x0006
SYS_EVENT_2
Reserved
Reserved
Reserved
Reserved
Reserved
E_GPIO2
E_GPIO1
E_GPIO0
0x0007
SYS_MASK_0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
M_TEMP_CRI
T
M_TEMP_WA
RN
0x0008
SYS_MASK_1
Reserved
Reserved
Reserved
Reserved
M_PG1
M_OV1
M_UV1
M_OC1
0x0009
SYS_MASK_2
Reserved
Reserved
Reserved
Reserved
Reserved
M_GPIO2
M_GPIO1
M_GPIO0
0x000A
SYS_MASK_3
Reserved
Reserved
Reserved
Reserved
M_VR_H
OT
Reserved
Reserved
M_PG1_STA
T
0x000B
SYS_CONFIG_0
Reserved
Reserved
0x000C
SYS_CONFIG_1
Reserved
Reserved
0x000D
SYS_CONFIG_2
Reserved
OC_LATCHOFF<1:0>
OC_DVC_
MASK
PG_DVC_MASK<1:0>
Reserved
Reserved
0x000E
SYS_CONFIG_3
Reserved
OSC_TUNE<2:0>
Reserved
Reserved
I2C_TIMEOU
T
Reserved
0x0010
SYS_GPIO0_0
Reserved
Reserved
Reserved
GPIO0_MODE<3:0>
GPIO0_OBUF
0x0011
SYS_GPIO0_1
GPIO0_D
EB_FALL
GPIO0_D
EB_RISE
GPIO0_DEB<1:0>
GPIO0_P
UPD
GPIO0_PO
L
GPIO0_TRIG<1:0>
0x0012
SYS_GPIO1_0
Reserved
Reserved
Reserved
GPIO1_MODE<3:0>
GPIO1_OBUF
0x0013
SYS_GPIO1_1
GPIO1_D
EB_FALL
GPIO1_D
EB_RISE
GPIO1_DEB<1:0>
GPIO1_P
UPD
GPIO1_PO
L
GPIO1_TRIG<1:0>
0x0014
SYS_GPIO2_0
Reserved
Reserved
Reserved
GPIO2_MODE<3:0>
GPIO2_OBUF
0x0015
SYS_GPIO2_1
GPIO2_D
EB_FALL
GPIO2_D
EB_RISE
GPIO2_DEB<1:0>
GPIO2_P
UPD
GPIO2_PO
L
GPIO2_TRIG<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com