Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9130 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button DA9130 Datasheet HTML 31Page - Dialog Semiconductor DA9130 Datasheet HTML 32Page - Dialog Semiconductor DA9130 Datasheet HTML 33Page - Dialog Semiconductor DA9130 Datasheet HTML 34Page - Dialog Semiconductor DA9130 Datasheet HTML 35Page - Dialog Semiconductor DA9130 Datasheet HTML 36Page - Dialog Semiconductor DA9130 Datasheet HTML 37Page - Dialog Semiconductor DA9130 Datasheet HTML 38Page - Dialog Semiconductor DA9130 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
35 of 46
© 2021 Dialog Semiconductor
Table 36: SYS_GPIO2_0 (0x0014)
Bit
Symbol
Description
[4:1]
GPIO2_MODE
GPIO function mode select. Initial value is determined by CONF pin
setting at the start-up in CONF_EN = 1
Value
Description
0x0
GPIO disable
0x1
EN1 input
0x2
Reserved
0x3
Reserved
0x4
DVC1 input
0x5
Reserved
0x6
Reserved
0x7
RELOAD input
0x8
PG1 output
0x9
Reserved
0xA
Reserved
0xB
Reserved
0xC
nIRQ output
0xD
Reserved
0xE
Low output
0xF
High output
[0]
GPIO2_OBUF
GPIO output buffer select. Initial value is determined by CONF pin
setting at the start-up in CONF_EN = 1
Value
Description
0x0
open-drain output
0x1
push-pull output
Table 37: SYS_GPIO2_1 (0x0015)
Bit
Symbol
Description
[7]
GPIO2_DEB_FALL
GPI debouce falling edge. Initial value is determined by CONF pin
setting at the start-up in CONF_EN = 1
[6]
GPIO2_DEB_RISE
GPI debounce rising edge. Initial value is determined by CONF pin
setting at the start-up in CONF_EN = 1
[5:4]
GPIO2_DEB
GPI debounce time. Initial value is determined by CONF pin setting at
the start-up in CONF_EN = 1
Value
Description
0x0
100 µs debouce
0x1
1 ms debouce
0x2
10 ms debounce
0x3
100 ms debounce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com