Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9130 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button DA9130 Datasheet HTML 25Page - Dialog Semiconductor DA9130 Datasheet HTML 26Page - Dialog Semiconductor DA9130 Datasheet HTML 27Page - Dialog Semiconductor DA9130 Datasheet HTML 28Page - Dialog Semiconductor DA9130 Datasheet HTML 29Page - Dialog Semiconductor DA9130 Datasheet HTML 30Page - Dialog Semiconductor DA9130 Datasheet HTML 31Page - Dialog Semiconductor DA9130 Datasheet HTML 32Page - Dialog Semiconductor DA9130 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
29 of 46
© 2021 Dialog Semiconductor
5.1.1
System
Table 20: SYS_STATUS_0 (0x0001)
Bit
Symbol
Description
[1]
TEMP_CRIT
Asserted whilst the thermal shutdown threshold is exceeded
[0]
TEMP_WARN
Asserted whilst the thermal warning threshold is exceeded
Table 21: SYS_STATUS_1 (0x0002)
Bit
Symbol
Description
[3]
PG1
Asserted whilst Buck1 output voltage is in range
[2]
OV1
Asserted whilst Buck1 output is over-voltage
[1]
UV1
Asserted whilst Buck1 output is under-voltage
[0]
OC1
Asserted whilst Buck1 output is over-current
Table 22: SYS_STATUS_2 (0x0003)
Bit
Symbol
Description
[2]
GPIO2
GPIO2 status
[1]
GPIO1
GPIO1 status
[0]
GPIO0
GPIO0 status
Table 23: SYS_EVENT_0 (0x0004)
Bit
Symbol
Description
[1]
E_TEMP_CRIT
TEMP_CRIT event. Write 1 to clear this bit after the event source has been
released.
[0]
E_TEMP_WARN
TEMP_WARN event. Write 1 to clear this bit after the event source has been
released.
Table 24: SYS_EVENT_1 (0x0005)
Bit
Symbol
Description
[3]
E_PG1
PG1 caused event. Write 1 to clear this bit after the event source has been
released.
[2]
E_OV1
OV1 caused event. Write 1 to clear this bit after the event source has been
released.
[1]
E_UV1
UV1 caused event. Write 1 to clear this bit after the event source has been
released.
[0]
E_OC1
OC1 caused event. Write 1 to clear this bit after the event source has been
released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com