Electronic Components Datasheet Search
  English  ▼

X  

DA9131 Datasheet(PDF) 46 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 46 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 42Page - Dialog Semiconductor DA9131 Datasheet HTML 43Page - Dialog Semiconductor DA9131 Datasheet HTML 44Page - Dialog Semiconductor DA9131 Datasheet HTML 45Page - Dialog Semiconductor DA9131 Datasheet HTML 46Page - Dialog Semiconductor DA9131 Datasheet HTML 47Page - Dialog Semiconductor DA9131 Datasheet HTML 48Page - Dialog Semiconductor DA9131 Datasheet HTML 49Page - Dialog Semiconductor DA9131 Datasheet HTML 50Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
46 of 56
© 2021 Dialog Semiconductor
Bit
Symbol
Description
Continuing through…
0x64
1
To…
0xBC
1.88
0xBD
1.89
0xBE
1.9
Table 46: BUCK_BUCK1_6 (0x0026)
Bit
Symbol
Description
[7:0]
CH1_B_VOUT
Output voltage setting B: Initial value is determined by CONF pin
setting at the start-up in CONF_EN = 1
From 0.30 V (0x1E) to 1.90 V (0xBE) in steps of 10 mV (default 1.0 V)
Write-protected when value is written below 0.30 V or above 1.90 V
Value
Description
0x1E
0.3
0x1F
0.31
0x20
0.32
Continuing through…
0x64
1
To…
0xBC
1.88
0xBD
1.89
0xBE
1.9
Table 47: BUCK_BUCK1_7 (0x0027)
Bit
Symbol
Description
[1:0]
CH1_RIPPLE_CANCEL
Ripple cancel control (can be used to improve output overshoot at
heavy to light load transient).
Value
Description
0x0
No ripple cancel
0x1
Small ripple cancel
0x2
Mid ripple cancel
0x3
Large ripple cancel
5.1.3
Buck2
Table 48: BUCK_BUCK2_0 (0x0028)
Bit
Symbol
Description
[6:4]
CH2_SR_DVC_DWN
Voltage slew-rate for DVC ramp-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com