Electronic Components Datasheet Search
  English  ▼

X  

DA9131 Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 44Page - Dialog Semiconductor DA9131 Datasheet HTML 45Page - Dialog Semiconductor DA9131 Datasheet HTML 46Page - Dialog Semiconductor DA9131 Datasheet HTML 47Page - Dialog Semiconductor DA9131 Datasheet HTML 48Page - Dialog Semiconductor DA9131 Datasheet HTML 49Page - Dialog Semiconductor DA9131 Datasheet HTML 50Page - Dialog Semiconductor DA9131 Datasheet HTML 51Page - Dialog Semiconductor DA9131 Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
48 of 56
© 2021 Dialog Semiconductor
Bit
Symbol
Description
0x2
10 mV/2 µs
0x3
10 mV/µs
0x4
20 mV/µs
0x5
40 mV/µs
0x6
Reserved
0x7
Reserved
[0]
CH2_PD_DIS
Pull-down while BUCK is disabled. 0: enable, 1: disable
Table 50: BUCK_BUCK2_2 (0x002A)
Bit
Symbol
Description
[3:0]
CH2_ILIM
Select OCP threshold
Value
Description
0x0
Reserved
0x1
3.5
0x2
4.0
0x3
4.5
0x4
5.0
0x5
5.5
0x6
6.0
0x7
6.5
0x8
7.0
0x9
7.5
0xA
8.0
0xB
8.5
0xC
9.0
0xD
9.5
0xE
10.0
0xF
Disable
Table 51: BUCK_BUCK2_3 (0x002B)
Bit
Symbol
Description
[7:0]
CH2_VMAX
VOUT max setting (V):
From 0.30 V (0x1E) to 1.90 V (0xBE) in steps of 10 mV
This is a read-only register.
Value
Description
0x1E
0.3
0x1F
0.31
0x20
0.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com