Electronic Components Datasheet Search
  English  ▼

X  

DA9131 Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 11Page - Dialog Semiconductor DA9131 Datasheet HTML 12Page - Dialog Semiconductor DA9131 Datasheet HTML 13Page - Dialog Semiconductor DA9131 Datasheet HTML 14Page - Dialog Semiconductor DA9131 Datasheet HTML 15Page - Dialog Semiconductor DA9131 Datasheet HTML 16Page - Dialog Semiconductor DA9131 Datasheet HTML 17Page - Dialog Semiconductor DA9131 Datasheet HTML 18Page - Dialog Semiconductor DA9131 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
15 of 56
© 2021 Dialog Semiconductor
3.7
Digital I/O Characteristics
Table 10: Digital I/O Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VIH_EN
Input high voltage, IC
enable
1.2
AVDD
V
VIL_EN
Input low voltage, IC
enable
0.4
V
tIC_EN
IC enable time
1000
μs
VIH_GPIO_SCL_SDA
Input high voltage
GPIO, SCL, SDA
1.2
AVDD
V
VIL_GPIO_SCL_SDA
Input low voltage
GPIO, SCL, SDA
0.4
V
VOH_GPIO
Output high voltage
GPIO
Push-pull mode
IOUT = 1 mA
0.8*AV
DD
AVDD
V
VOL_GPIO
Output low voltage
GPIO
Push-pull mode
IOUT = 1 mA
0.2*AV
DD
V
VOL_SDA
Output low voltage
SDA
IOUT = 3 mA
0.24
V
RPD
GPIO pull-down resistor
10
15
23
kΩ
RPU
GPIO pull-up resistor
33
46
65
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com