Electronic Components Datasheet Search
  English  ▼

X  

MPC7441 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7441 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPC7441 Datasheet HTML 13Page - NXP Semiconductors MPC7441 Datasheet HTML 14Page - NXP Semiconductors MPC7441 Datasheet HTML 15Page - NXP Semiconductors MPC7441 Datasheet HTML 16Page - NXP Semiconductors MPC7441 Datasheet HTML 17Page - NXP Semiconductors MPC7441 Datasheet HTML 18Page - NXP Semiconductors MPC7441 Datasheet HTML 19Page - NXP Semiconductors MPC7441 Datasheet HTML 20Page - NXP Semiconductors MPC7441 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
17
Electrical and Thermal Characteristics
Figure 4 provides the AC test load for the MPC7447A.
Figure 4. AC Test Load
SYSCLK to ARTRY/SHD0/SHD1 high impedance after
precharge
tKHARPZ
—2
tSYSCLK 3, 5, 6, 7
Notes:
1. All input specifications are measured from the midpoint of the signal in question to the midpoint of the rising edge
of the input SYSCLK. All output specifications are measured from the midpoint of the rising edge of SYSCLK to
the midpoint of the signal in question. All output timings assume a purely resistive 50-
Ω load (see Figure 4). Input
and output timings are measured at the pin; time-of-flight delays must be added for trace lengths, vias, and
connectors in the system.
2. The symbology used for timing specifications herein follows the pattern of t(signal)(state)(reference)(state) for inputs
and t(reference)(state)(signal)(state) for outputs. For example, tIVKH symbolizes the time input signals (I) reach the valid
state (V) relative to the SYSCLK reference (K) going to the high (H) state or input setup time. And tKHOV
symbolizes the time from SYSCLK(K) going high (H) until outputs (O) are valid (V) or output valid time. Input hold
time can be read as the time that the input signal (I) went invalid (X) with respect to the rising clock edge (KH)
(note the position of the reference and its state for inputs) and output hold time can be read as the time from the
rising edge (KH) until the output went invalid (OX).
3. tsysclk is the period of the external clock (SYSCLK) in ns. The numbers given in the table must be multiplied by
the period of SYSCLK to compute the actual time duration (in ns) of the parameter in question.
4. According to the bus protocol, TS is driven only by the currently active bus master. It is asserted low and
precharged high before returning to high impedance, as shown in Figure 6. The nominal precharge width for TS
is 0.5
× tSYSCLK, that is, less than the minimum tSYSCLK period, to ensure that another master asserting TS on
the following clock will not contend with the precharge. Output valid and output hold timing is tested for the signal
asserted. Output valid time is tested for precharge.The high-impedance behavior is guaranteed by design.
5. Guaranteed by design and not tested.
6. According to the bus protocol, ARTRY can be driven by multiple bus masters through the clock period immediately
following AACK. Bus contention is not an issue because any master asserting ARTRY will be driving it low. Any
master asserting it low in the first clock following AACK will then go to high impedance for 1 clock before
precharging it high during the second cycle after the assertion of AACK. The nominal precharge width for ARTRY
is 1.0 tSYSCLK; that is, it should be high impedance as shown in Figure 6 before the first opportunity for another
master to assert ARTRY. Output valid and output hold timing is tested for the signal asserted.The high-impedance
behavior is guaranteed by design.
7. According to the MPX bus protocol, SHD0 and SHD1 can be driven by multiple bus masters beginning the cycle
of TS. Timing is the same as ARTRY, that is, the signal is high impedance for a fraction of a cycle, then negated
for up to an entire cycle (crossing a bus cycle boundary) before being three-stated again. The nominal precharge
width for SHD0 and SHD1 is 1.0 tSYSCLK. The edges of the precharge vary depending on the programmed ratio
of core to bus (PLL configurations).
8. BMODE[0:1] and BVSEL are mode select inputs and are sampled before and after HRESET negation. These
parameters represent the input setup and hold times for each sample. These values are guaranteed by design
and not tested. These inputs must remain stable after the second sample. See Figure 5 for sample timing.
Table 9. Processor Bus AC Timing Specifications1 (continued)
At recommended operating conditions. See Table 4.
Parameter
Symbol 2
All Speed Grades
Unit
Notes
Min
Max
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com