Electronic Components Datasheet Search
  English  ▼

X  

MPC7441 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7441 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MPC7441 Datasheet HTML 48Page - NXP Semiconductors MPC7441 Datasheet HTML 49Page - NXP Semiconductors MPC7441 Datasheet HTML 50Page - NXP Semiconductors MPC7441 Datasheet HTML 51Page - NXP Semiconductors MPC7441 Datasheet HTML 52Page - NXP Semiconductors MPC7441 Datasheet HTML 53Page - NXP Semiconductors MPC7441 Datasheet HTML 54Page - NXP Semiconductors MPC7441 Datasheet HTML 55Page - NXP Semiconductors MPC7441 Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
54
Freescale Semiconductor
Ordering Information
11.3
Part Marking
Parts are marked as the example shown in Figure 25.
Figure 25. Part Marking for BGA and LGA Device
Table 20. Part Numbers Addressed by MC7447AT
xxnnnn Nx Series Hardware Specification Addendum
(Document Order No. MPC7447AECS02AD)
MC
7447A
T
xx
nnnn
N
x
Product
Code
Part
Identifier
Specification
Modifier
Package
Processor
Frequency
Application
Modifier
Revision Level
MC
7447A
T = Extended
Temperature
Device
HX = HCTE BGA
867
1000
1167
N: 1.1 V ± 50 mV
–40 to 105
°C
B:1.1: PVR = 8003 0101
Notes:
YWWLAZ is the assembly traceability code.
AWLYYWW is the test code.
MMMMMM is the M00 (mask) number.
MC7447A
xxnnnnLx
AWLYYWW
MMMMMM
7447A
YWWLAZ
BGA / LGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com