Electronic Components Datasheet Search
  English  ▼

X  

MPC7441 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7441 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MPC7441 Datasheet HTML 48Page - NXP Semiconductors MPC7441 Datasheet HTML 49Page - NXP Semiconductors MPC7441 Datasheet HTML 50Page - NXP Semiconductors MPC7441 Datasheet HTML 51Page - NXP Semiconductors MPC7441 Datasheet HTML 52Page - NXP Semiconductors MPC7441 Datasheet HTML 53Page - NXP Semiconductors MPC7441 Datasheet HTML 54Page - NXP Semiconductors MPC7441 Datasheet HTML 55Page - NXP Semiconductors MPC7441 Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
52
Freescale Semiconductor
Document Revision History
10 Document Revision History
Table 17 provides a revision history for this hardware specification.
11 Ordering Information
Ordering information for the parts fully covered by this specification document is provided in
Section 11.1, “Part Numbers Fully Addressed by This Document.” Note that the individual part numbers
correspond to a maximum processor core frequency. For available frequencies, contact a local Freescale
sales office. In addition to the processor frequency, the part numbering scheme also includes an application
modifier that may specify special application conditions. Each part number also contains a revision level
code that refers to the die mask revision number. Section 11.2, “Part Numbers Not Fully Addressed by This
Document,” lists the part numbers that do not fully conform to the specifications of this document. These
special part numbers require an additional document called a hardware specification addendum.
Table 17. Document Revision History
Revision
Number
Date
Substantive Changes
5
01/30/2005 Corrected RoHS BGA sphere diameter dimensions
4
09/23/2005 Added RoHS BGA case outlines and part numbers.
Removed note references for CI and WT in Table 12
3
08/23/2005 Added “Section 9.1.2, “System Bus Clock (SYSCLK) and Spread Spectrum Sources”
Section 9.8, “Thermal Management Information”: Added vendor to list
Section 9.8.3, “Heat Sink Selection Example”: Correct silicon die and underfil/bump model dimensions
2
02/16/2005 Changed die size
Table 8: Modified jitter specifications to conform to JEDEC standards, changed jitter specification to
cycle-to-cycle jitter (instead of long- and short-term jitter); changed jitter bandwidth recommendations.
Added information for LGA package.
1
—
Added tKHTSV, tKHARV, tKHTSX, and tKHARX to Table 9; these were previously grouped with tKHOV and
tKHOX. NOTE: Documentation change only; the values for the output valid and output hold AC timing
specifications remain unchanged for TS, ARTRY, and SHD[0:1].
Added derating section with table; added 1000 MHz speed bin
0.1
—
Retitled Table 19 to include document order information for MC7447AnnnnNx series hardware
specification addendum.
0
—
Initial revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com