Electronic Components Datasheet Search
  English  ▼

X  

MPC7441 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7441 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MPC7441 Datasheet HTML 44Page - NXP Semiconductors MPC7441 Datasheet HTML 45Page - NXP Semiconductors MPC7441 Datasheet HTML 46Page - NXP Semiconductors MPC7441 Datasheet HTML 47Page - NXP Semiconductors MPC7441 Datasheet HTML 48Page - NXP Semiconductors MPC7441 Datasheet HTML 49Page - NXP Semiconductors MPC7441 Datasheet HTML 50Page - NXP Semiconductors MPC7441 Datasheet HTML 51Page - NXP Semiconductors MPC7441 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
48
Freescale Semiconductor
System Design Information
heat flux of adjacent components), heat sink efficiency, heat sink attach, heat sink placement, next-level
interconnect technology, system air temperature rise, altitude, and so on.
Due to the complexity and variety of system-level boundary conditions for today's microelectronic
equipment, the combined effects of the heat transfer mechanisms (radiation, convection, and conduction)
may vary widely. For these reasons, we recommend using conjugate heat transfer models for the board, as
well as system-level designs.
For system thermal modeling, the MPC7447A thermal model is shown in Figure 24. Four volumes
represent this device. Two of the volumes, solder ball-air and substrate, are modeled using the package
outline size of the package. The other two, die and bump-underfill, have the same size as the die. The
silicon die should be modeled 8.5
× 9.9 × 0.7 mm3 with the heat source applied as a uniform source at the
bottom of the volume. The bump and underfill layer is modeled as 8.5
× 9.9 × 0.07 mm3 (or as a collapsed
volume) with orthotropic material properties: 0.6 W/(m • K) in the xy-plane and 1.9 W/(m • K) in the
direction of the z-axis. The substrate volume is 25
× 25 × 1.2 mm3, and has 8.1 W/(m • K) isotropic
conductivity in the xy-plane and 4 W/(m • K) in the direction of the z-axis. The solder ball and air layer
are modeled with the same horizontal dimensions as the substrate and are 0.6 mm thick. They can also be
modeled as a collapsed volume using orthotropic material properties: 0.034 W/(m • K) in the xy-plane
direction and 3.8 W/(m • K) in the direction of the z-axis.
Figure 24. Recommended Thermal Model of MPC7447A
Bump and Underfill
Die
Substrate
Solder and Air
Die
Substrate
Side View of Model (Not to Scale)
Top View of Model (Not to Scale)
x
y
z
Conductivity
Value
Unit
Bump and Underfill (8.5
× 9.9 × 0.07 mm
3
)
kx
0.6
W/(m • K)
ky
0.6
kz
1.9
Substrate (25
× 25 × 1.2 mm
3
)
kx
8.1
ky
8.1
kz
4.0
Solder Ball and Air (25
× 25 × 0.6 mm3)
kx
0.034
ky
0.034
kz
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com