Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14913
Description  Reverse-Voltage Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14913 Datasheet HTML 1Page - Maxim Integrated Products MAX14913 Datasheet HTML 2Page - Maxim Integrated Products MAX14913 Datasheet HTML 3Page - Maxim Integrated Products MAX14913 Datasheet HTML 4Page - Maxim Integrated Products MAX14913 Datasheet HTML 5Page - Maxim Integrated Products MAX14913 Datasheet HTML 6Page - Maxim Integrated Products MAX14913 Datasheet HTML 7Page - Maxim Integrated Products MAX14913 Datasheet HTML 8Page - Maxim Integrated Products MAX14913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Evaluates: MAX14912/MAX14913
MAX14912/MAX14913 Evaluation Kit
General Description
The MAX14912/MAX14913 evaluation kit (EV kit) provides
a proven design to evaluate the MAX14912 or MAX14913
octal digital output driver. The EV kit includes an evaluation
board and a graphical user interface (GUI) that provides
communication from a PC to the target device through a
USB port.
The EV kit includes Windows 7, Windows 8 and Windows
10 compatible software for exercising the features of the
IC. The EV kit GUI allows controlling the MAX14912/
MAX14913 in either Parallel Mode or Serial (SPI) Mode.
The EV kit must be powered from an external +24V power
supply and can consume up to 10A when fully loaded.
The MAX14912EVKIT/MAX14913EVKIT comes with
a MAX14912AKN+, or MAX14913AKN+ installed in a
56-pin, 8 x 8mm TQFN-EP package.
Features
● Robust Operation with Wide Range of Input Voltages
and Load Conditions
● SPI Interface with up to 20MHz Clock Rate
● Parallel Interface with up to 200kHz Switching Rate
● Manual Control in Parallel Mode
● Wide Logic Voltage Range
● -40°C to +125°C Temperature Range
● On-Board LED Indication of Status and Fault Conditions
● Daisy-Chain Capability
● Reverse-Voltage Protection
● Proven PCB Layout
● Fully Assembled and Tested
● Windows® 7, Windows 8 and Windows 10
Compatible Software
19-8493; Rev 0; 3/16
Ordering Information appears at end of data sheet.
Windows is a registered trademark and registered service mark of Microsoft Corporation.
MAX14912/MAX14913 EV Kit Board Photo


Similar Part No. - MAX14913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14913 MAXIM-MAX14913 Datasheet
733Kb / 30P
Low Power and Heat Dissipation
Rev 3; 8/16
More results

Similar Description - MAX14913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
logo
Sangdest Microelectroni...
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
Reverse battery protection
SK56A SMC-SK56A Datasheet
142Kb / 6P
Reverse battery protection
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
Reverse-voltage protection
05-Jun-2014
logo
Seiko Instruments Inc
S-13R1 SII-S-13R1 Datasheet
2Mb / 49P
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
Reverse-current/voltage Protection
logo
Maxim Integrated Produc...
MAX14914EVKIT MAXIM-MAX14914EVKIT Datasheet
1Mb / 10P
Reverse Supply Voltage Protection
Rev 1; 8/20
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com