Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14913
Description  Reverse-Voltage Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14913 Datasheet HTML 9Page - Maxim Integrated Products MAX14913 Datasheet HTML 10Page - Maxim Integrated Products MAX14913 Datasheet HTML 11Page - Maxim Integrated Products MAX14913 Datasheet HTML 12Page - Maxim Integrated Products MAX14913 Datasheet HTML 13Page - Maxim Integrated Products MAX14913 Datasheet HTML 14Page - Maxim Integrated Products MAX14913 Datasheet HTML 15Page - Maxim Integrated Products MAX14913 Datasheet HTML 16Page - Maxim Integrated Products MAX14913 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13 DS5-DS12
-
8 LTST-C171GKT
LITE-ON
ELECTRO
NICS; INC.
LTST-
C171GK
T
DIODE; LED; STANDARD; GREEN; SMT (0805);
PIV=5.0V; IF=0.12A; -55 DEGC TO +85 DEGC
14 J1, J2
-
2
3267
POMONA
ELECTRO
NICS
3267
CONNECTOR; MALE; PANELMOUNT; STANDARD
UNINSULATED BANANA JACK; STRAIGHT; 1PIN
15
J3-J6, J8-J13, J22,
J26
-
12 PCC03SAAN
SULLINS
PCC03S
AAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT THROUGH; 3PINS; -65 DEGC TO +125
DEGC
16 J7, J15-J19
-
6 PCC02SAAN
SULLINS
PCC02S
AAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT THROUGH; 2PINS; -65 DEGC TO +125
DEGC
17 J20, J21
-
2 OSTTE080104
ON-
SHORE
TECHNOL
OGY INC.
OSTTE0
80104
CONNECTOR; MALE; THROUGH HOLE; TERMINAL
BLOCKS-WIRE TO BOARD; STRAIGHT; 8PINS
18 J23
-
1 SSQ-105-02-L-S-RA
SAMTEC
SSQ-
105-02-
L-S-RA
CONNECTOR; FEMALE; THROUGH HOLE; SSQ
SERIES; 0.025IN SQ POST SOCKET; RIGHT ANGLE;
5PINS
19 J24
-
1 TSW-105-25-T-S-RA
SAMTEC
TSW-
105-25-
T-S-RA
CONNECTOR; MALE; THROUGH HOLE; 0.025IN SQ
POST HEADER; RIGHT ANGLE; 5PINS
20 J25
-
1 PBC05SAAN
SULLINS
ELECTRO
NICS
CORP.
PBC05S
AAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT; 5PINS; -65 DEGC TO +125 DEGC
21 JMP1, JMP2
-
2 PEC04SAAN
SULLINS
ELECTRO
NICS
CORP.
PEC04S
AAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT; 4PINS
22 L1
-
1 LPS4018-104MR
COILCRAF
T
100UH
INDUCTOR; SMT; FERRITE BOBBIN CORE; 100UH;
TOL=+/-20%; 0.56A
100UH
23 L2
-
1 MMZ1608B601C
TDK
600
INDUCTOR; SMT (0603); FERRITE-BEAD; 600; TOL=+/-
25%; 0.5A; -55 DEGC TO +125 DEGC
24 Q1
-
1 AON6452
ALPHA &
OMEGA
SEMICON
DUCTOR
AON645
2
TRAN; N-CHANNEL SDMOS POWER TRANSISTOR;
NCH; DFN8-EP; PD-(2W); I-(26A); V-(100V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com