Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14913
Description  Reverse-Voltage Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14913 Datasheet HTML 1Page - Maxim Integrated Products MAX14913 Datasheet HTML 2Page - Maxim Integrated Products MAX14913 Datasheet HTML 3Page - Maxim Integrated Products MAX14913 Datasheet HTML 4Page - Maxim Integrated Products MAX14913 Datasheet HTML 5Page - Maxim Integrated Products MAX14913 Datasheet HTML 6Page - Maxim Integrated Products MAX14913 Datasheet HTML 7Page - Maxim Integrated Products MAX14913 Datasheet HTML 8Page - Maxim Integrated Products MAX14913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX14912/MAX14913
MAX14912/MAX14913 Evaluation Kit
Quick Start
Required Equipment
● MAX14912/MAX14913 EV kit
● +24V power supply
● Voltmeter (optional)
● Oscilloscope (optional)
● PC with installed Windows 7, Windows 8 or Windows
10 and USB port
Note: In the following section(s), software-related items
are identified by bolding. Text in bold refers to items
directly from the EV system software. Text in
bold and
underline refers to items from the Windows operating
system.
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Visit
www.maximintegrated.com/evkitsoftware to
download the latest version of the EV kit software,
MAX14912EVKIT.ZIP. Save the EV kit software to a
temporary folder and uncompress the ZIP file.
2) Install the EV kit software on your computer by running
the MAX14912EVKITSetupV1.0.exe program inside
the temporary folder. The program files are copied to
your PC and icons are created in the Windows
Start
| Programs menu.
3) Verify that all jumpers are in their default positions
for the SPI or parallel mode operation (Table 1). Note
that the hardware is configured for SPI communication
by default.
4) Power up the EV kit with +24V from external power supply.
5) Start the EV kit software by opening its icon in the
Start | Programs menu. The EV kit software appears
as shown in Figure 1. Verify that the lower-right status
bar indicates the EV kit hardware is
Connected.The
GUI automatically detects which EV kit is connected to
the PC, the MAX14912 or MAX14913, and enables
Figure 1. Digital Output Driver EV Kit GUI. System Tab
FILE
DECRIPTION
MAX14912EVKITSetupV1.0.exe Application Program (GUI)
MAX14912/MAX14913EV Kit Files



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com