Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14913
Description  Reverse-Voltage Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14913 Datasheet HTML 1Page - Maxim Integrated Products MAX14913 Datasheet HTML 2Page - Maxim Integrated Products MAX14913 Datasheet HTML 3Page - Maxim Integrated Products MAX14913 Datasheet HTML 4Page - Maxim Integrated Products MAX14913 Datasheet HTML 5Page - Maxim Integrated Products MAX14913 Datasheet HTML 6Page - Maxim Integrated Products MAX14913 Datasheet HTML 7Page - Maxim Integrated Products MAX14913 Datasheet HTML 8Page - Maxim Integrated Products MAX14913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX14912/MAX14913
MAX14912/MAX14913 Evaluation Kit
System Block Diagram
MAX14912/
MAX14913
TERMINAL
BLOCK
1
2
3
4
5
6
7
8
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
CHANNEL STATUS
CHANNEL FAULT
VL
OL/IN1
CMND/IN2
CRC/IN3
CERR/IN4
WDEN/IN5
WDFLT/IN6
CNFG/IN7
S16/IN8
LEDDH15
LEDDH26
LEDDH37
LEDDH48
LDLS1-4
LDLS5-8
LDLF1-4
LDLF5-8
V5V
9
10
11
12
13
14
15
16
GND
GND
GND
GND
GND
GND
GND
GND
VL
BUKEN
EN
FLTR
PUSHPL
SRIAL
CS
CLK
SDI
SDO
24V
V5V
VL
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
VL
24V
GND
V5V
24V
GND
µC
USB
+5V_USB
CS
CLK
SDI
SDO
SRIAL
PUSHPL
FLTR
EN
OL/IN1
CMND/IN2
CRC/IN3
CERR/IN4
WDEN/IN5
WDFLT/IN6
CNFG/IN7
S16/IN8
MAX16910
+5V_USB
+3.3V
V5
V5V
EXT_5V
SDO2
V5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com